Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70005SEH Datasheet (PDF) - Renesas Technology Corp

ISL70005SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70005SEH
Download  ISL70005SEH Download
File Size   1461.41 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator

ISL70005SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70005SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70005SEH
Download  ISL70005SEH Click to download

File Size   1461.41 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator

ISL70005SEH Datasheet (HTML) - Renesas Technology Corp


ISL70005SEH Product details

Features
• Dual output regulator: sync buck and LDO
• Independent EN, SS, and PG indicators
• ±1% reference voltage
• 1A current sourcing/sinking capability on LDO
• External clock synchronization: 100kHz to 1MHz
• Full military temperature range operation
○ TA = -55°C to +125°C
○ TJ = -55°C to +150°C
• Radiation acceptance testing - ISL70005SEH
○ HDR (50-300rad(Si)/s): 100krad(Si)
○ LDR (0.01rad(Si)/s): 75krad(Si)
• Radiation acceptance testing - ISL73005SEH
○ LDR (0.01rad(Si)/s): 75krad(Si)
• SEE hardness (see test report)
○ No SEB or SEL at LET 86.4MeV•cm2/mg
○ SET at LET 86.4MeV•cm2/mg <±3% ΔVOUT
○ No SEFI at LET 43MeV•cm2/mg
• Electrically screened to DLA SMD 5962-19209
Applications
• Point-of-load for low power FPGA core, auxiliary
and I/O supply voltages
• DDR memory power for VDDQ and VTT rails
• Distributed power system of satellite payloads




Similar Part No. - ISL70005SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT
Dec 14, 2023
ISL70005SEHDEMO1Z RENESAS-ISL70005SEHDEMO1Z Datasheet
1Mb / 46P
Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT
Dec 14, 2023
ISL70005SEHEV2Z RENESAS-ISL70005SEHEV2Z Datasheet
1Mb / 46P
Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT
Dec 14, 2023
ISL70005SEHF/PROTO RENESAS-ISL70005SEHF/PROTO Datasheet
1Mb / 46P
Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT
Dec 14, 2023
ISL70005SEHVF RENESAS-ISL70005SEHVF Datasheet
1Mb / 46P
Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT
Dec 14, 2023
More results


Similar Description - ISL70005SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
15A High Efficiency Point of Load Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
12A High Efficiency Synchronous Point of Load Buck Regulator
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151 Datasheet
440Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com