Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33999EK/R2 Datasheet (PDF) - Motorola, Inc

PC33999EK/R2 Datasheet PDF - Motorola, Inc
Part # PC33999EK/R2
Download  PC33999EK/R2 Download
File Size   627.48 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-Output Switch with SPI and PWM Control

PC33999EK/R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC33999EK/R2 Datasheet PDF - Motorola, Inc

Part # PC33999EK/R2
Download  PC33999EK/R2 Click to download

File Size   627.48 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-Output Switch with SPI and PWM Control

PC33999EK/R2 Datasheet (HTML) - Motorola, Inc


PC33999EK/R2 Product details

16-Output Switch with SPI and PWM Control

The 33999 is a 16-output low-side switch with a 24-bit serial input control. It is designed for a variety of applications including inductive, incandescent, and LED loads. The Serial Peripheral Interface (SPI) provides both input control and diagnostic readout. Eight parallel inputs are also provided for direct Pulse Width Modulation (PWM) control of eight dedicated outputs. Additionally, an output-programmable PWM input provides PWM of any combination of outputs. A dedicated reset input provides the ability to clear all internal registers and turn all outputs off.

Features
• Designed to Operate 5.0 V < VPWR < 27 V
• 24-Bit SPI for Control and Fault reporting, 3.3 V/5.0 V Compatible
• Outputs Are Current Limited (0.9 A to 2.5 A) to Drive Incandescent Lamps
• Output Voltage Clamp of +50 V During Inductive Switching
• On/Off Control of Open Load Detect Current (LED Application)
• VPWR Standby Current < 10 µA
• RDS(ON) of 0.55 Ω at 25°C Typical
• Independent Overtemperature Protection
• Output Selectable for PWM Control
• Output ON Short-to-VBAT and OFF Short-to-Ground/Open Detection
• 54-Pin Exposed Pad Package for Thermal Performance
• Pb-Free Packaging Designated by Suffix Code EK




Similar Part No. - PC33999EK/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PC33991DH MOTOROLA-PC33991DH Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
PC33991DH/R2 MOTOROLA-PC33991DH/R2 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
PC33991R2 MOTOROLA-PC33991R2 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
PC33996EK/R2 MOTOROLA-PC33996EK/R2 Datasheet
635Kb / 16P
16-Output Switch with SPI Control
More results


Similar Description - PC33999EK/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
16-Output Switch with SPI Control
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
16-Output Switch with SPI and PWM Control
33996 FREESCALE-33996 Datasheet
610Kb / 23P
16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
Six-Output Low-Side Switch with SPI and Parallel Input Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
16 Output Switch with SPI Control
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Freescale Semiconductor...
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
16-Output Switch with SPI and PWM Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com