Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820 Datasheet (PDF) - Analog Devices

ADRF6820 Datasheet PDF - Analog Devices
Part # ADRF6820
Download  ADRF6820 Download
File Size   1828.13 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internal LO frequency range

ADRF6820 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF6820 Datasheet PDF - Analog Devices

Part # ADRF6820
Download  ADRF6820 Click to download

File Size   1828.13 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internal LO frequency range

ADRF6820 Datasheet (HTML) - Analog Devices


ADRF6820 Product details

GENERAL DESCRIPTION
The ADRF6820 is a highly integrated demodulator and synthesizer ideally suited for next generation communication systems. The feature rich device consists of a high linearity broadband I/Q demodulator, an integrated fractional-N phase-locked loop (PLL), and a low phase noise multicore, voltage controlled oscillator (VCO). The ADRF6820 also integrates a 2:1 RF switch, an on-chip tunable RF balun, a programmable RF attenuator, and two low dropout (LDO) regulators. This highly integrated device fits within a small 6 mm × 6 mm footprint.

FEATURES
   I/Q demodulator with integrated fractional-N PLL
   RF input frequency range: 695 MHz to 2700 MHz
   Internal LO frequency range: 356.25 MHz to 2850 MHz
   Input P1dB: 14.5 dBm at 1900 MHz RF
   Input IP3: 35 dBm at 1900 MHz RF
   Programmable HD3/IP3 trim
   Single pole, double throw (SPDT) RF input switch
   RF digital step attenuation range: 0 dB to 15 dB
   Integrated RF tunable balun for single-ended 50 Ω input
   Multicore integrated VCO
   Demodulated 1 dB bandwidth: 600 MHz
   Demodulated 3 dB bandwidth: 1400 MHz
   4 selectable baseband gain and bandwidth modes
   Digital programmable LO phase offset and dc nulling
   Programmable via 3-wire serial port interface (SPI)
   40-lead, 6 mm × 6 mm LFCSP

APPLICATIONS
   Cellular W-CDMA/GSM/LTE
   Digital predistortion (DPD) receivers
   Microwave point-to-point radios




Similar Part No. - ADRF6820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
ADRF6821-EVALZ AD-ADRF6821-EVALZ Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
ADRF6821ACPZ AD-ADRF6821ACPZ Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
ADRF6821ACPZ-RL7 AD-ADRF6821ACPZ-RL7 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results


Similar Description - ADRF6820

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
Frequency Range:
logo
Leshan Radio Company
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
Internal Frequency Compensation
logo
Integrated Device Techn...
XLP IDT-XLP Datasheet
299Kb / 11P
Frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
Frequency range
logo
Maxim Integrated Produc...
MAX9993EVKIT MAXIM-MAX9993EVKIT Datasheet
251Kb / 7P
1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com