Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6820 Datasheet HTML 1Page - Analog Devices ADRF6820 Datasheet HTML 2Page - Analog Devices ADRF6820 Datasheet HTML 3Page - Analog Devices ADRF6820 Datasheet HTML 4Page - Analog Devices ADRF6820 Datasheet HTML 5Page - Analog Devices ADRF6820 Datasheet HTML 6Page - Analog Devices ADRF6820 Datasheet HTML 7Page - Analog Devices ADRF6820 Datasheet HTML 8Page - Analog Devices ADRF6820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 3 of 45
SPECIFICATIONS
SYSTEM SPECIFICATIONS
VPOS_5V = 5 V, VPOS_3P3 = 3.3 V, ambient temperature (TA) = 25°C, high-side LO injection, internal LO mode, RF attenuation range =
0 dB, input IP2/input IP3 tone spacing = 5 MHz and −5 dBm per tone, fIF = 40 MHz for BWSEL = 0 and fIF = 200 MHz for BWSEL = 2.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT
MHz
RF Frequency Range
695
2700
MHz
Return Loss
15
dB
Input Impedance
50
Ω
Input Power
18
dBm
LO FREQUENCY
MHz
Internal LO Frequency Range
356.25
2850
MHz
External LO Frequency Range
350
6000
MHz
LO Input Level
−6
+6
dBm
LO Input Impedance
50
Ω
LO Harmonic Rejection1
2× LO at output of external LO (LO = 1900 MHz)
−30
dBc
SUPPLY VOLTAGE2
V
VPOS_3P3
3.1
3.3
3.5
V
VPOS_5V
4.7
5.0
5.25
V
RF ATTENUATION RANGE
Step size = 1 dB
0
15
dB
Digital Step Attenuator (DSA)
Step error between two adjacent DSA code
±0.5
dB
Attenuation accuracy
±1.0
dB
IF OUTPUTS
Gain Flatness
Across any 20 MHz bandwidth
0.2
dB
Quadrature Phase Error
No correction applied
1
Degrees
I/Q Amplitude Imbalance
No correction applied
0.1
dB
Output DC Offset
No correction applied
20
mV
Output Common Mode
1.5
2.4
V
I/Q Output Impedance
Differential
50
Ω
TOTAL POWER CONSUMPTION
External LO, polyphase filter LO path
1100
mW
Internal PLL/VCO, 2× LO path
1400
mW
1
Measured with a nominal device with normal supply and temperature.
2
For information about power supply sequencing, see the Power Supply Sequencing section.
DYNAMIC PERFORMANCE
Table 2.
BWSEL01
BWSEL21
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DEMODULATION BANDWIDTH
1 dB bandwidth, fLO = 2100 MHz
240
600
MHz
3 dB bandwidth, fLO = 2100 MHz
480
1400
MHz
fRF = 900 MHz
Conversion Gain
Voltage gain
+3.5
−2.5
dB
Input P1dB
11
14
dBm
Input IP3
34
38
dBm
Input IP2
65
61
dBm
Noise Figure
Internal LO
17
19
dB
External LO
16
18.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com