Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 24Page - Analog Devices ADRF6820 Datasheet HTML 25Page - Analog Devices ADRF6820 Datasheet HTML 26Page - Analog Devices ADRF6820 Datasheet HTML 27Page - Analog Devices ADRF6820 Datasheet HTML 28Page - Analog Devices ADRF6820 Datasheet HTML 29Page - Analog Devices ADRF6820 Datasheet HTML 30Page - Analog Devices ADRF6820 Datasheet HTML 31Page - Analog Devices ADRF6820 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 28 of 45
I/Q POLARITY
The ADRF6820 offers the flexibility of specifying the polarity of
the I/Q outputs, where I can lead Q or vice versa. By addressing
POLI (Register 0x32, Bits[9:8]) or POLQ (Register 0x32,
Bits[11:10]), both the I and Q outputs can be inverted from
their default configuration. The flexibility of specifying the
polarity becomes important when the I and Q outputs are
processed simultaneously in the complex domain, I + jQ.
At power up, depending on whether high-side or low-side
injection of the LO frequency is applied, the I channel can
either lead or lag the Q channel by 90°. When the RF frequency
is greater than the LO frequency (low-side LO injection), the
I channel leads the Q channel (see Figure 53). On the contrary,
if the RF frequency is less than the LO frequency (high-side LO
injection), the Q channel leads the I channel by 90° (see Figure 54).
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–5
–4
–3
–2
–1
0
TIME (ns)
1
2
3
4
5
Q CHANNEL I CHANNEL
Figure 53. POLI = 1, POLQ = 2, I Channel Normal Polarity, Q Channel Normal
Polarity, fRF = 2040 MHz, and fLO = 1840 MHz
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–5
–4
–3
–2
–1
0
TIME (ns)
1
2
3
4
5
I CHANNEL
Q CHANNEL
Figure 54. POLI = 1, POLQ = 2, I Channel Normal Polarity, Q Channel Normal
Polarity, fRF = 2040 MHz, and fLO = 2240 MHz
Both the I and Q channels can be inverted to achieve the desired
polarity, as shown in Figure 55 to Figure 57, by writing to POLI
(Register 0x32, Bits[9:8]) or POLQ (Register 0x32, Bits[11:10]).
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–5
–4
–3
–2
–1
0
TIME (ns)
1
2
3
4
5
I CHANNEL
Q CHANNEL
Figure 55. POLI = 2, POLQ = 2, I Channel Invert Polarity, Q Channel Normal
Polarity, fRF = 2040 MHz, and fLO = 2240 MHz
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–5
–4
–3
–2
–1
0
TIME (ns)
1
2
3
4
5
I CHANNEL
Q CHANNEL
Figure 56. POLI = 1, POLQ = 1, I Channel Normal Polarity, Q Channel Invert
Polarity, fRF = 2040 MHz, and fLO = 2240 MHz
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–5
–4
–3
–2
–1
0
TIME (ns)
1
2
3
4
5
I CHANNEL
Q CHANNEL
Figure 57. POLI = 2, POLQ = 1, I Channel Invert Polarity, Q Channel Invert
Polarity, fRF = 2040 MHz, and fLO = 2240 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com