Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 17Page - Analog Devices ADRF6820 Datasheet HTML 18Page - Analog Devices ADRF6820 Datasheet HTML 19Page - Analog Devices ADRF6820 Datasheet HTML 20Page - Analog Devices ADRF6820 Datasheet HTML 21Page - Analog Devices ADRF6820 Datasheet HTML 22Page - Analog Devices ADRF6820 Datasheet HTML 23Page - Analog Devices ADRF6820 Datasheet HTML 24Page - Analog Devices ADRF6820 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 21 of 45
BANDWIDTH SELECT MODES
The ADRF6820 offers four bandwidth select modes, as specified
in Table 15. The bandwidth select modes include either high gain
and low bandwidth or low gain and high bandwidth. The selection
of the resistance and capacitance in the mixer load determines
the IF gain and bandwidth. Use Register 0x34, Bits[9:8] to select
one of the four modes.
The high gain modes, BWSEL0 and BWSEL1, have equivalent
performance in terms of gain, noise figure, and linearity. Similarly,
the low gain modes, BWSEL2 and BWSEL3, share the same
performance specifications. However, the factor that distinguishes
the different modes is the IF bandwidth. Figure 39 to Figure 42
show the voltage gain, pass-band flatness, and 1 dB bandwidth
of the bandwidth modes for the various LO frequencies. Table 15
summarizes the results of Figure 39 to Figure 42.
Table 15. Mixer Gain and Bandwidth Select Modes1
BWSEL
(Reg. 0x34[9:8])
Mode
Voltage
Gain (dB)
1 dB BW
(MHz)
3 dB BW
(MHz)
00
BWSEL0
+2
240
480
01
BWSEL1
+2
180
340
10
BWSEL2
−3
600
1400
11
BWSEL3
−3
500
900
1
fLO = 2100 MHz, high-side LO injection.
LO = 1800 MHz
LO = 2100 MHz
LO = 2700 MHz
–300
–200
–100
0
100
200
300
IF FREQUENCY (MHz)
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 39. Voltage Gain vs. IF Frequency, BWSEL = 0, LO Fixed and RF Swept
The LO frequency was set to 1800 MHz, 2100 MHz, and
2700 MHz, and the RF frequency was swept. With this
measurement approach, Figure 39 to Figure 42 show the effects
of both the RF and IF roll-off. The RF roll-off is determined by
the integrated RF balun, and the IF roll-off is set by the bandwidth
select mode. The effect of both the RF roll-off and IF roll-off is
most evident in the widest bandwidth mode (BWSEL2), as shown
in Figure 41. Figure 41 shows the flattest and widest bandwidth
when the LO frequency is at 2700 MHz because the RF frequency
is farthest from the roll-off of the integrated RF balun. In the fLO =
1800 MHz and fLO = 2100 MHz sweeps, the effect of the RF
balun becomes evident, resulting in a narrower 1 dB bandwidth.
It is very difficult to accurately measure the voltage gain flatness
of the ADRF6820 because the signal generators and spectrum
analyzers introduce their own amplitude inaccuracies.
Additionally, at higher frequencies, the board traces are not as
well matched, resulting in signal reflections. With the amplitude
errors/inaccuracies from the signal generators and spectrum
analyzers included in the measurement, the gain flatness of the
ADRF6820 is approximately 0.3 dB for any 100 MHz bandwidth,
or approximately 0.2 dB for any 20 MHz bandwidth. By design,
the gain flatness of the ADRF6820 is substantially better than
this; however, the measurement approach is the limiting factor,
and the result is quoted as such.
Figure 39 to Figure 42 show data for both positive and negative
IF frequencies; positive IF frequencies represent low-side LO
injection, and negative frequencies represent high-side LO
injection.
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–300
–200
–100
0
100
200
300
IF FREQUENCY (MHz)
LO = 1800MHz
LO = 2100MHz
LO = 2700MHz
Figure 40. Voltage Gain vs. IF Frequency, BWSEL = 1, LO Fixed and RF Swept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com