Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 14Page - Analog Devices ADRF6820 Datasheet HTML 15Page - Analog Devices ADRF6820 Datasheet HTML 16Page - Analog Devices ADRF6820 Datasheet HTML 17Page - Analog Devices ADRF6820 Datasheet HTML 18Page - Analog Devices ADRF6820 Datasheet HTML 19Page - Analog Devices ADRF6820 Datasheet HTML 20Page - Analog Devices ADRF6820 Datasheet HTML 21Page - Analog Devices ADRF6820 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 18 of 45
APPLICATIONS INFORMATION
BASIC CONNECTIONS
÷8
LOCK_DET
VPTAT
SCAN
+
PFD
CHARGE
PUMP
CP
÷2
FRAC
MOD
REFIN
MUXOUT
LOIN–
LOIN+
CP
LDO
VCO
SERIAL PORT
INTERFACE
VOCM
VPOS_3P3
VPOS_5V
VTUNE
÷1, ÷2,
÷4
DIV 2
PHASE
SPLITTER
0°
90°
÷1, ÷2
POLYPHASE
FILTER
1
3
6
4
49.9Ω
(0402)
VPOS_3P3
TC1-1-43A+
I–
I+
TC4-1W+
3
1
2
6
4
Q–
Q+
TC4-1W+
3
1
2
6
4
DC/PHASE
CORRECTION
DC/PHASE
CORRECTION
0Ω
(0402)
0Ω
(0402)
100pF
(0402)
100pF
(0402)
LOOUT+
LOOUT–
1
3
6
4
100pF
(0402)
100pF
(0402)
100pF
(0402)
49.9Ω
(0402)
5.1kΩ
(0402)
10kΩ
(0402)
10kΩ
(0402)
22pF
(0402)
6.8pF
(0402)
2.7nF
(0402)
3kΩ
(0402)
22pF
(0402)
N = INT +
LDO
2.5V
MIXER BUFFER
3.3/5.0V
100pF
(0402)
10µF
(0805)
100pF
(0402)
0.1µF
(0805)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
10µF
(0805)
100pF
(0402)
10µF
(0805)
100pF
(0402)
10µF
(0805)
100pF
(0402)
10µF
(0805)
0.22µF
(0402)
100pF
(0402)
0.1µF
(0402)
4
2
3
8
9
23 25 26 28 38
5
7
6
34
35
32
37
12
21
11
19
30
36
31
27
33
40
10
1
VPOS_3P3
PWR_DWN
ENABLE
24
VPOS_3P3
RFIN0
RFIN1
20
15
14
13
RFIN0
RFIN1
1000pF
(0402)
1000pF
(0402)
29
22
17
18
39
16
÷4
÷2
×1
×2
Figure 33. Basic Connections
Table 14.
Pin No.
Mnemonic
Description
Basic Connection
5 V Power
11
VPOS_5V
Mixer power supply
Decouple this power supply pin via a 100 pF and a
0.1 µF capacitor to ground. Ensure that the decoupling
capacitors are located close to the pin.
21
VPOS_5V
RF front-end power supply
Decouple this power supply pin via a 100 pF and a 10 µF
(0805) capacitor to ground. Ensure that the decoupling
capacitors are located close to the pin.
3.3 V Power
The voltage on any and all pins connected to VPOS_3P3
must never exceed the voltage on any and all pins
connected to VPOS_5V.
1
VPOS_3P3
Digital power supply
Decouple this pin via a 100 pF and a 0.1 µF capacitor to
ground.
19
VPOS_3P3
LO power supply
Decouple this pin via a 100 pF and a 0.1 µF capacitor to
ground.
30
VPOS_3P3
LO power supply
Decouple this pin via a 100 pF and a 0.1 µF capacitor to
ground.
31
VPOS_3P3
VCO power supply
Decouple this pin via a 100 pF and a 10 µF capacitor to
ground.
36
VPOS_3P3
PLL power supply
Decouple this pin via a 100 pF and a 0.1 µF capacitor to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com