Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9144-EBZ Datasheet (PDF) - Analog Devices

AD9144-EBZ Datasheet PDF - Analog Devices
Part # AD9144-EBZ
Download  AD9144-EBZ Download
File Size   959.87 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mini-USB Cable

AD9144-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9144-EBZ Datasheet PDF - Analog Devices

Part # AD9144-EBZ
Download  AD9144-EBZ Click to download

File Size   959.87 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mini-USB Cable

AD9144-EBZ Datasheet (HTML) - Analog Devices


AD9144-EBZ Product details

GENERAL DESCRIPTION
The AD9144 is a quad, 16-bit, high dynamic range digital-to-analog converter (DAC) that provides a maximum sample rate of 2.8 GSPS, permitting a multicarrier generation up to the Nyquist frequency. The DAC outputs are optimized to interface seamlessly with the ADRF6720 analog quadrature modulator (AQM) from Analog Devices, Inc. An optional 3-wire or 4-wire serial port interface (SPI) provides for programming/readback of many internal parameters. Full-scale output current can be programmed over a typical range of 13.9 mA to 27.0 mA. The AD9144 is available in an 88-lead LFCSP.

FEATURES
   Supports input data rate >1 GSPS
   Proprietary low spurious and distortion design
      6-carrier GSM IMD = 77 dBc at 75 MHz IF
      SFDR = 82 dBc at dc IF, −9 dBFS
      Flexible 8-lane JESD204B interface
      Support quad or dual DAC mode at 2.8 GSPS
   Multiple chip synchronization
      Fixed latency
      Data generator latency compensation
   Selectable 1×, 2×, 4×, 8× interpolation filter
      Low power architecture
   Input signal power detection
      Emergency stop for downstream analog circuitry protection
   Transmit enable function allows extra power saving
   High performance, low noise phase-locked loop (PLL) clock
      multiplier
   Digital inverse sinc filter
   Low power: 1.6 W at 1.6 GSPS, 1.7 W at 2.0 GSPS,
      full operating conditions
   88-lead LFCSP with exposed pad

APPLICATIONS
   Wireless communications
      3G/4G W-CDMA base stations
      Wideband repeaters
      Software defined radios
   Wideband communications
      Point-to-point
      Local multipoint distribution service (LMDS) and
         multichannel multipoint distribution service (MMDS)
   Transmit diversity, multiple input/multiple output (MIMO)
   Instrumentation
   Automated test equipment




Similar Part No. - AD9144-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9144-EBZ AD-AD9144-EBZ Datasheet
1Mb / 126P
Multiple chip synchronization
Rev. A
AD9144-EBZ AD-AD9144-EBZ Datasheet
2Mb / 125P
Digital-to-Analog Converter
3/2017-Rev. A to Rev. B
More results


Similar Description - AD9144-EBZ

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020200MB005M568ZR SUYIN-USA-020200MB005M568ZR Datasheet
136Kb / 1P
MINI USB CONNECTOR
CBL30017-1500 SUYIN-USA-CBL30017-1500 Datasheet
173Kb / 1P
MINI USB 5P USB A
CBL30080-1500 SUYIN-USA-CBL30080-1500 Datasheet
76Kb / 1P
USB A CORE MINI USB
CBL30094-1500 SUYIN-USA-CBL30094-1500 Datasheet
89Kb / 1P
USB A CORE MINI USB 3PIN CABLE
logo
Assmann Electronics Inc...
AK670M-1-GR-R ASSMANN-AK670M-1-GR-R Datasheet
67Kb / 1P
USB 1.1 Mini Cable,
AK670M-2-GR-R ASSMANN-AK670M-2-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable
AK670M-3-GR-R ASSMANN-AK670M-3-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable,
AK670M-5-GR-R ASSMANN-AK670M-5-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable
AK672M-1-GR-R ASSMANN-AK672M-1-GR-R Datasheet
77Kb / 1P
USB 1.1 Mini Cable
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com