Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9144-EBZ Datasheet (PDF) - Analog Devices

AD9144-EBZ Datasheet PDF - Analog Devices
Part # AD9144-EBZ
Download  AD9144-EBZ Download
File Size   2046.61 Kbytes
Page   126 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiple chip synchronization

AD9144-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9144-EBZ Datasheet PDF - Analog Devices

Part # AD9144-EBZ
Download  AD9144-EBZ Click to download

File Size   2046.61 Kbytes
Page   126 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiple chip synchronization

AD9144-EBZ Datasheet (HTML) - Analog Devices


AD9144-EBZ Product details

GENERAL DESCRIPTION
The AD9144 is a quad, 16-bit, high dynamic range digital-to-analog converter (DAC) that provides a maximum sample rate of 2.8 GSPS, permitting a multicarrier generation up to the Nyquist frequency. The DAC outputs are optimized to interface seamlessly with the ADRF6720 analog quadrature modulator (AQM) from Analog Devices, Inc. An optional 3-wire or 4-wire serial port interface (SPI) provides for programming/readback of many internal parameters. Full-scale output current can be programmed over a typical range of 13.9 mA to 27.0 mA. The AD9144 is available in an 88-lead LFCSP.

FEATURES
   Supports input data rate >1 GSPS
   Proprietary low spurious and distortion design
      6-carrier GSM IMD = 77 dBc at 75 MHz IF
      SFDR = 82 dBc at dc IF, −9 dBFS
      Flexible 8-lane JESD204B interface
      Support quad or dual DAC mode at 2.8 GSPS
   Multiple chip synchronization
      Fixed latency
      Data generator latency compensation
   Selectable 1×, 2×, 4×, 8× interpolation filter
      Low power architecture
   Input signal power detection
      Emergency stop for downstream analog circuitry protection
   Transmit enable function allows extra power saving
   High performance, low noise phase-locked loop (PLL) clock
      multiplier
   Digital inverse sinc filter
   Low power: 1.6 W at 1.6 GSPS, 1.7 W at 2.0 GSPS,
      full operating conditions
   88-lead LFCSP with exposed pad

APPLICATIONS
   Wireless communications
      3G/4G W-CDMA base stations
      Wideband repeaters
      Software defined radios
   Wideband communications
      Point-to-point
      Local multipoint distribution service (LMDS) and
         multichannel multipoint distribution service (MMDS)
   Transmit diversity, multiple input/multiple output (MIMO)
   Instrumentation
   Automated test equipment




Similar Part No. - AD9144-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9144-EBZ AD-AD9144-EBZ Datasheet
959Kb / 7P
Mini-USB Cable
Rev 27 Jan 2014 16:01
AD9144-EBZ AD-AD9144-EBZ Datasheet
2Mb / 125P
Digital-to-Analog Converter
3/2017-Rev. A to Rev. B
More results


Similar Description - AD9144-EBZ

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
L4981A SYNCHRONIZATION
Nov-2003
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
External Frequency Synchronization
Rev 0; 2/15
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
External synchronization
13-Jun-2012
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
Synchronization System
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
SynchronIzatIon switch
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
Synchronization Management Unit
February 2, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com