Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCA029V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCA029V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCA029V1
Download  STEVAL-CCA029V1 Download
File Size   334.15 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description External synchronization

STEVAL-CCA029V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCA029V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCA029V1
Download  STEVAL-CCA029V1 Click to download

File Size   334.15 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description External synchronization

STEVAL-CCA029V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCA029V1 Product details

Description
The STEVAL-CCA029V1 demonstration board is designed for the evaluation of the TDA7491LP dual BTL class-D audio amplifier. Due to its high efficiency, the device, assembled in the PSSO36 (slug-down) package, is capable of dissipating heat without any heatsink. Jumpers on the board allow the configuration of the amplifier in order to verify all the features as single-ended or differential inputs, fixed gain settings. Microswitches are also provided to enable the standby and mute functions.

Features
■ 5 W + 5 W continuous output power at THD = 10%, RL = 8 Ω, VCC = 9 V
■ 5 W + 5 W continuous output power at THD = 10%, RL = 4 Ω, VCC = 6.5 V
■ Power supply voltage range: 5 V to 14 V
■ Number of channels: 2 BTL (bridge tied load) stereo
■ Load impedance: 4 Ω to 8 Ω
■ Gain settings: 20 dB, 26 dB, 30 dB, 32 dB
■ Undervoltage protection (UVP): 4 V
■ External synchronization
■ RoHS compliant




Similar Part No. - STEVAL-CCA029V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA022V1 STMICROELECTRONICS-STEVAL-CCA022V1 Datasheet
122Kb / 4P
Demonstration board for single op-amps in SC70 or SOT-23 packages
24-Jun-2009
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
Fully differential input/output
14-Aug-2009
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
Class G capless headphone amplifier demonstration board based on the TS4621E
22-Sep-2011
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
STEVAL-CCA028V1 STMICROELECTRONICS-STEVAL-CCA028V1 Datasheet
131Kb / 4P
10 W 10 W class-D audio amplifier demonstration boardbased on the TDA7491P
05-Oct-2011
More results


Similar Description - STEVAL-CCA029V1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN6761S PANASONIC-MN6761S Datasheet
71Kb / 9P
External Synchronization Control LSI for Color Video Cameras
logo
fujitsu semiconductor
MB3789 FUJITSU-MB3789 Datasheet
214Kb / 28P
Switching Regulator Controller (Supporting External Synchronization)
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
Synchronization Module
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
External Frequency Synchronization
Rev 0; 2/15
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
Synchronization System
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
MAX20006EVKIT MAXIM-MAX20006EVKIT Datasheet
884Kb / 9P
External Frequency Synchronization (SYNC) Input
Rev 0; 5/18
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com