Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCA023V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCA023V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCA023V1
Download  STEVAL-CCA023V1 Download
File Size   79.05 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully differential input/output

STEVAL-CCA023V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCA023V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCA023V1
Download  STEVAL-CCA023V1 Click to download

File Size   79.05 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully differential input/output

STEVAL-CCA023V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCA023V1 Product details

Description
The STEVAL-CCA023V1 demonstration board is designed as an evaluation platform for the TS472 low noise microphone preamplifier with 2.0 V bias and active low standby mode. The board supports customization of the testing conditions, allowing the gain of the TS472 device to be adjusted, or an electret microphone to be biased either externally or using the TS472 builtin 2.0 V bias voltage. STEVAL-CCA023V1

Features
■ Low noise: 10 nV / √ Hz typ. equivalent input noise @ F=1 kHz
■ Fully differential input/output
■ 2.2 V to 5.5 V single supply operation
■ Low power consumption @20 dB: 1.8 mA
■ Fast start up time @ 0dB: 5 ms typ.
■ Low distortion: 0.1% typ.
■ 40 kHz bandwidth @ -3 dB and adjustable gain
■ Active low standby mode function (1µA max)
■ Low noise 2.0 V microphone bias output
■ Available in flip-chip ECOPACK® package and QFN24 4x4 mm
■ ESD protection (2 kV)
■ RoHS compliant




Similar Part No. - STEVAL-CCA023V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA022V1 STMICROELECTRONICS-STEVAL-CCA022V1 Datasheet
122Kb / 4P
Demonstration board for single op-amps in SC70 or SOT-23 packages
24-Jun-2009
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
Class G capless headphone amplifier demonstration board based on the TS4621E
22-Sep-2011
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
STEVAL-CCA028V1 STMICROELECTRONICS-STEVAL-CCA028V1 Datasheet
131Kb / 4P
10 W 10 W class-D audio amplifier demonstration boardbased on the TDA7491P
05-Oct-2011
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
External synchronization
13-Jun-2012
More results


Similar Description - STEVAL-CCA023V1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404 Datasheet
344Kb / 28P
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Maxim Integrated Produc...
MAX1427EVKIT MAXIM-MAX1427EVKIT Datasheet
649Kb / 14P
Fully Differential Signal Input Configuration
Rev 0; 1/04
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com