Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4870ARR-EBZ Datasheet (PDF) - Analog Devices

ADA4870ARR-EBZ Datasheet PDF - Analog Devices
Part # ADA4870ARR-EBZ
Download  ADA4870ARR-EBZ Download
File Size   734.82 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ideal for driving high capacitive or low resistive loads

ADA4870ARR-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4870ARR-EBZ Datasheet PDF - Analog Devices

Part # ADA4870ARR-EBZ
Download  ADA4870ARR-EBZ Click to download

File Size   734.82 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ideal for driving high capacitive or low resistive loads

ADA4870ARR-EBZ Datasheet (HTML) - Analog Devices


ADA4870ARR-EBZ Product details

GENERAL DESCRIPTION
The ADA4870 is a unity gain stable, high speed current feedback amplifier capable of delivering 1 A of output current and 2500 V/μs slew rate from a 40 V supply. Manufactured using the Analog Devices, Inc., proprietary high voltage extra fast complementary bipolar (XFCB) process, the innovative architecture of the ADA4870 enables high output power, high speed signal processing solutions in applications that require driving a low impedance load.
The ADA4870 is ideal for driving high voltage power FETs, piezo transducers, PIN diodes, CCD panels, and a variety of other demanding applications that require high speed from high supply voltage at high output current.
The ADA4870 is available in a power SOIC package (PSOP_3), featuring an exposed thermal slug that provides high thermal conductivity, enabling efficient heat transfer for improved perfor mance and reliability in demanding applications. The ADA4870 operates over the industrial temperature range (−40°C to +85°C).

FEATURES
   Ideal for driving high capacitive or low resistive loads
   Wide supply range: 10 V to 40 V
   High output current drive: 1 A
   Wide output voltage swing: 37 V swing with 40 V supply
   High slew rate: 2500 V/µs
   High bandwidth: 52 MHz large signal, 70 MHz small signal
   Low noise: 2.1 nV/√Hz
   Quiescent current: 32.5 mA
      Power down: 0.75 mA
   Short-circuit protection and flag
      Current limit: 1.2 A
   Thermal protection

APPLICATIONS
   Envelope tracking
   Power FET driver
   Ultrasound
   Piezo drivers
   PIN diode drivers
   Waveform generation
   Automated test equipment (ATE)
   CCD panel drivers
   Composite amplifiers




Similar Part No. - ADA4870ARR-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4870ACPZ AD-ADA4870ACPZ Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
ADA4870ACPZ-R7 AD-ADA4870ACPZ-R7 Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
ADA4870ACPZ-RL AD-ADA4870ACPZ-RL Datasheet
1Mb / 24P
2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
Rev. B
More results


Similar Description - ADA4870ARR-EBZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
Multichannel drivers driving inductive loads
22-Nov-2013
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
ITS42008-SB-D INFINEON-ITS42008-SB-D Datasheet
2Mb / 26P
Switching all types of resistive, inductive and capacitive loads
Rev 1.01, 2014-05-19
logo
List of Unclassifed Man...
DILEM4-G ETC-DILEM4-G Datasheet
759Kb / 12P
Mini Contactors for Motors and Resistive Loads
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025H STMICROELECTRONICS-IPS1025H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
IPS2050H STMICROELECTRONICS-IPS2050H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com