Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025H Datasheet (PDF) - STMicroelectronics

IPS1025H Datasheet PDF - STMicroelectronics
Part # IPS1025H
Download  IPS1025H Download
File Size   3943.15 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads

IPS1025H Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS1025H Datasheet PDF - STMicroelectronics

Part # IPS1025H
Download  IPS1025H Click to download

File Size   3943.15 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads

IPS1025H Datasheet (HTML) - STMicroelectronics


IPS1025H Product details

Features
• 8 V to 60 V operating supply voltage range
• Operating output current: 2.4 A (IPS1025H/HQ) or 5.6 A (IPS1025H-32/HQ-32)
• Smart driving of capacitive load
• Fast demagnetization of inductive loads
• Under-voltage lock-out
• VCC over-voltage protection
• Output overload and over-temperature protections
• Case over-temperature protection
• Ground disconnection protection
• Overload event diagnostic pin
• Over-temperature event diagnostic pin
• Designed to meet IEC 61000-4-2, IEC 61000-4-4, IEC 61000-4-5
• Packages: PowerSSO-24 and QFN48L 8x6x0.9 mm




Similar Part No. - IPS1025H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
IPS1025HFQ STMICROELECTRONICS-IPS1025HFQ Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025HFQ STMICROELECTRONICS-IPS1025HFQ Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
IPS1025HFTR STMICROELECTRONICS-IPS1025HFTR Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
More results


Similar Description - IPS1025H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
Smart High Side Switch
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
Smart High Side Switch
logo
Analog Devices
ADA4870 AD-ADA4870 Datasheet
734Kb / 25P
Ideal for driving high capacitive or low resistive loads
Rev. 0
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
1Mb / 46P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS2050H STMICROELECTRONICS-IPS2050H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65CP TI-TPS274C65CP Datasheet
1Mb / 32P
TPS274C65CP 72-mΩ Quad-Channel Smart High-Side Switch With Diagnostics
OCTOBER 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com