Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025H Datasheet(PDF) 6 Page - STMicroelectronics

Part # IPS1025H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 2Page - STMicroelectronics IPS1025H Datasheet HTML 3Page - STMicroelectronics IPS1025H Datasheet HTML 4Page - STMicroelectronics IPS1025H Datasheet HTML 5Page - STMicroelectronics IPS1025H Datasheet HTML 6Page - STMicroelectronics IPS1025H Datasheet HTML 7Page - STMicroelectronics IPS1025H Datasheet HTML 8Page - STMicroelectronics IPS1025H Datasheet HTML 9Page - STMicroelectronics IPS1025H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
5
Electrical characteristics
(8 V < VCC < 60 V; -40 °C < TJ < 125 °C, unless otherwise specified)
Table 4. Supply
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VUVON
Under-voltage ON threshold
-
6.9
-
8
V
VUVOFF Under-voltage OFF threshold
-
6.5
-
7.8
V
VUVH
Under-voltage hysteresis
-
0.15
0.5
-
V
ISOFF
Supply current in OFF state
VCC = 24 V, IN = GND, OUT = open load;
0.28
-
0.64
mA
VCC = 36 V, IN = GND, OUT = open load;
0.28
-
0.64
mA
VCC = 60 V, IN = GND, OUT = open load;
0.29
-
0.685
mA
ISON
Supply current in ON state
VCC = 24 V, IN = 5 V, OUT = open load;
1.05
-
2.25
mA
VCC = 36 V, IN = 5 V, OUT = open load;
1.15
-
2.35
mA
VCC = 60 V, IN = 5 V, OUT = open load;
1.35
-
2.55
mA
Table 5. Output stage
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDSON
On-state resistance
VCC = 24 V, RLOAD = 12 Ω,
@ TJ = 25 °C
-
12
15
mΩ
VCC = 24 V, RLOAD = 12 Ω,
@ TJ = 125 °C
-
-
25
mΩ
VOUT(OFF)
OFF state output voltage
VIN = 0 V and IOUT = 0 A
-
-
2
V
IOUT(OFF)
OFF state output current
VIN = 0 V, VOUT = 0 V
-
-
10
µA
Table 6. Switching
(VCC = 24 V; -40 °C < TJ < 125 °C, RLOAD = 12 Ω, input rise time < 0.1 µs)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
tr
Rise time
-
30
60
µs
tf
Fall time
-
25
60
µs
tPD(L-H)
Propagation delay time IN to OUT, low to high
-
13
25
µs
tPD(H-L)
Propagation delay time IN to OUT, high to low
-
60
100
µs
td(Vccon) Propagation delay time IN to OUT at power-on
VIN = VCC and rising from 0 to 24 V
150
500 1600
µs
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
Electrical characteristics
DS13780 - Rev 3
page 6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com