Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025H Datasheet(PDF) 16 Page - STMicroelectronics

Part # IPS1025H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 12Page - STMicroelectronics IPS1025H Datasheet HTML 13Page - STMicroelectronics IPS1025H Datasheet HTML 14Page - STMicroelectronics IPS1025H Datasheet HTML 15Page - STMicroelectronics IPS1025H Datasheet HTML 16Page - STMicroelectronics IPS1025H Datasheet HTML 17Page - STMicroelectronics IPS1025H Datasheet HTML 18Page - STMicroelectronics IPS1025H Datasheet HTML 19Page - STMicroelectronics IPS1025H Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
7.5
GND disconnection protection
GND disconnection is the disconnection of the module from the reference line. When this condition occurs, the
output channel is turned off regardless of the input status.
When this event occurs, the IC continues working normally until the voltage between VCC and GND pins of the IC
results ≥ VUVOFF. The voltage on the GND pin of the IC rises up to the supply rail voltage level. In case of a GND
disconnection event, a current (ILGND) flows through OUT pin.
For an inductive load, if the GND is disconnected while the output channel is active, the current flows through the
power, which is activated by an active clamp as if the input had been deactivated.
Figure 10. Ground disconnection
OUT
VCC
PGND
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IC
.
.
.
.
.
.
RLOAD
VCC
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
GND disconnection protection
DS13780 - Rev 3
page 16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com