Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025H Datasheet(PDF) 17 Page - STMicroelectronics

Part # IPS1025H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H Datasheet(HTML) 17 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 13Page - STMicroelectronics IPS1025H Datasheet HTML 14Page - STMicroelectronics IPS1025H Datasheet HTML 15Page - STMicroelectronics IPS1025H Datasheet HTML 16Page - STMicroelectronics IPS1025H Datasheet HTML 17Page - STMicroelectronics IPS1025H Datasheet HTML 18Page - STMicroelectronics IPS1025H Datasheet HTML 19Page - STMicroelectronics IPS1025H Datasheet HTML 20Page - STMicroelectronics IPS1025H Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
8
Active clamp
Active clamp is also known as Fast Demagnetization of inductive loads or Fast Current Decay. When a high-side
driver turns off an inductance, an under-voltage on output is detected.
The OUT pin is pulled-down to VCC-VDEMAG. The conduction state is modulated by an internal circuitry in order to
keep the OUT pin voltage at ~VDEMAG until the load energy has been dissipated. The energy is dissipated in both
IC internal switch and load resistance.
Figure 11. Active clamp equivalent principle schematic
OUT
VCC
PGND
RPD
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IC
.
.
.
.
.
.
LLOAD
Figure 12. Typical demagnetization energy (single pulse) at VCC = 24 V and TAMB = 125 °C
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
Active clamp
DS13780 - Rev 3
page 17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com