Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025H Datasheet(PDF) 30 Page - STMicroelectronics

Part # IPS1025H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H Datasheet(HTML) 30 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 24Page - STMicroelectronics IPS1025H Datasheet HTML 25Page - STMicroelectronics IPS1025H Datasheet HTML 26Page - STMicroelectronics IPS1025H Datasheet HTML 27Page - STMicroelectronics IPS1025H Datasheet HTML 28Page - STMicroelectronics IPS1025H Datasheet HTML 29Page - STMicroelectronics IPS1025H Datasheet HTML 30Page - STMicroelectronics IPS1025H Datasheet HTML 31Page - STMicroelectronics IPS1025H Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
List of figures
Figure 1.
IPS1025H/HQ, IPS1025H-32/HQ-32 block diagram........................................... 2
Figure 2.
Pin connections (top through view) ...................................................... 3
Figure 3.
Timing .......................................................................... 7
Figure 4.
High (left) and Low (right) ILOAD control activation thresholds (IPK) and limitation levels (ILIM) .............. 9
Figure 5.
Typical application diagram with opto-couplers ............................................. 10
Figure 6.
Typical application diagram without opto-couplers ........................................... 11
Figure 7.
Thermal protection flowchart ......................................................... 13
Figure 8.
Thermal protection plot ............................................................. 13
Figure 9.
Short-circuit behavior with dual threshold (TCASE < TCSD) ..................................... 15
Figure 10.
Ground disconnection .............................................................. 16
Figure 11.
Active clamp equivalent principle schematic ............................................... 17
Figure 12.
Typical demagnetization energy (single pulse) at VCC = 24 V and TAMB = 125 °C ..................... 17
Figure 13.
PowerSSO-24 package dimensions [mm] ................................................ 18
Figure 14.
PowerSSO-24 suggested footprint [mm] ................................................. 19
Figure 15.
QFN48L package dimensions [mm]..................................................... 20
Figure 16.
QFN48L suggested footprint [mm]...................................................... 21
Figure 17.
PowerSSO-24 tube shipment (no suffix).................................................. 22
Figure 18.
PowerSSO-24 reel shipment ......................................................... 23
Figure 19.
PowerSSO-24 tape drawings ......................................................... 24
Figure 20.
QFN48L reel shipment reference ...................................................... 25
Figure 21.
QFN48L carrier tape dimensions....................................................... 26
Figure 22.
QFN48L carrier tape, Pin 1 indication ................................................... 26
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
List of figures
DS13780 - Rev 3
page 30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com