Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025HF Datasheet (PDF) - STMicroelectronics

IPS1025HF Datasheet PDF - STMicroelectronics
Part # IPS1025HF
Download  IPS1025HF Download
File Size   6978.44 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo

IPS1025HF Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS1025HF Datasheet PDF - STMicroelectronics

Part # IPS1025HF
Download  IPS1025HF Click to download

File Size   6978.44 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo

IPS1025HF Datasheet (HTML) - STMicroelectronics


IPS1025HF Product details

Description
The X-NUCLEO-OUT15A1 is an industrial digital output expansion board for STM32
Nucleo. It provides a powerful and flexible environment for the evaluation of the
driving and diagnostic capabilities of the IPS1025HF single high-side, smart power,
solid-state relay in a digital output module connected to 2.5 A industrial loads.
The X-NUCLEO-OUT15A1 interfaces with the microcontroller on the STM32 Nucleo
via 5 kV optocouplers driven by the GPIO pins and Arduino® UNO R3 connectors.
The expansion board can be connected to either a NUCLEO-F401RE or a NUCLEOG431RB
development board.
You can also evaluate a system consisting of an X-NUCLEO-OUT05A1 stacked on
an X-NUCLEO-OUT15A1 expansion board.
Supplying the X-NUCLEO-OUT05A1 through the main supply rail and the XNUCLEO-
OUT15A1 through the output of the X-NUCLEO-OUT05A1, you can
achieve the typical architecture of a single channel digital output for safety systems.
The process stages of the two expansion boards result cascaded. The load
connected to the X-NUCLEO-OUT15A1 output can be supplied only when both
cascaded systems are properly working.

Features
• Based on the IPS1025HF single high-side switch, which features:
– Operating range up to 60 V
– Low-power dissipation (RON(MAX) = 25 mΩ)
– Propagation delay at startup < 60 μs
– Fast decay for inductive loads
– Smart driving of capacitive load
– Under-voltage lock-out
– Overload and overtemperature protection
– PowerSSO 24 package
• Application board operating range: 8-33 V/0-2.5 A
• Extended voltage operating range (J3 open) up to 60 V
• Green LED for output on/off status (J11 close 3-4 and SW5 close 1-2)
• Red LEDs for overload and overheating diagnostics (SW2 and SW4 close 2-3)
• Output voltage on/off status feedback (J11 close 1-2)
• Control signal for fast discharge of output voltage (J11 close 5-6, J12 close)
• External fast discharge circuitry for huge inductive loads (J11 close 7-8)
• 5 kV galvanic isolation
• Supply rail reverse polarity protection
• Compatible with STM32 Nucleo development boards
• Equipped with Arduino® UNO R3 connectors
• CE certified
• Not FCC approved for resale
• RoHS and China RoHS compliant




Similar Part No. - IPS1025HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025HFQ STMICROELECTRONICS-IPS1025HFQ Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025HFQ STMICROELECTRONICS-IPS1025HFQ Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
IPS1025HFTR STMICROELECTRONICS-IPS1025HFTR Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
More results


Similar Description - IPS1025HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
STEVAL-IFP040V1 STMICROELECTRONICS-STEVAL-IFP040V1 Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com