Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025HF Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPS1025HF
Description  Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HF Datasheet(HTML) 1 Page - STMicroelectronics

  IPS1025HF Datasheet HTML 1Page - STMicroelectronics IPS1025HF Datasheet HTML 2Page - STMicroelectronics IPS1025HF Datasheet HTML 3Page - STMicroelectronics IPS1025HF Datasheet HTML 4Page - STMicroelectronics IPS1025HF Datasheet HTML 5Page - STMicroelectronics IPS1025HF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Based on the IPS1025HF single high-side switch, which features:
–
Operating range up to 60 V
–
Low-power dissipation (RON(MAX) = 25 mΩ)
–
Propagation delay at startup < 60 µs
–
Fast decay for inductive loads
–
Smart driving of capacitive load
–
Under-voltage lock-out
–
Overload and overtemperature protection
–
PowerSSO 24 package
•
Application board operating range: 8-33 V/0-2.5 A
•
Extended voltage operating range (J3 open) up to 60 V
•
Green LED for output on/off status (J11 close 3-4 and SW5 close 1-2)
•
Red LEDs for overload and overheating diagnostics (SW2 and SW4 close 2-3)
•
Output voltage on/off status feedback (J11 close 1-2)
•
Control signal for fast discharge of output voltage (J11 close 5-6, J12 close)
•
External fast discharge circuitry for huge inductive loads (J11 close 7-8)
•
5 kV galvanic isolation
•
Supply rail reverse polarity protection
•
Compatible with STM32 Nucleo development boards
•
Equipped with Arduino® UNO R3 connectors
•
CE certified
•
Not FCC approved for resale
•
RoHS and China RoHS compliant
Description
The X-NUCLEO-OUT15A1 is an industrial digital output expansion board for STM32
Nucleo. It provides a powerful and flexible environment for the evaluation of the
driving and diagnostic capabilities of the IPS1025HF single high-side, smart power,
solid-state relay in a digital output module connected to 2.5 A industrial loads.
The X-NUCLEO-OUT15A1 interfaces with the microcontroller on the STM32 Nucleo
via 5 kV optocouplers driven by the GPIO pins and Arduino® UNO R3 connectors.
The expansion board can be connected to either a NUCLEO-F401RE or a NUCLEO-
G431RB development board.
You can also evaluate a system consisting of an X-NUCLEO-OUT05A1 stacked on
an X-NUCLEO-OUT15A1 expansion board.
Supplying the X-NUCLEO-OUT05A1 through the main supply rail and the X-
NUCLEO-OUT15A1 through the output of the X-NUCLEO-OUT05A1, you can
achieve the typical architecture of a single channel digital output for safety systems.
The process stages of the two expansion boards result cascaded. The load
connected to the X-NUCLEO-OUT15A1 output can be supplied only when both
cascaded systems are properly working.
Product summary
Industrial digital output
expansion board
based on IPS1025HF
for STM32 Nucleo
X-NUCLEO-
OUT15A1
Software expansion
for STM32Cube
driving industrial
digital output based
on intelligent power
switch (IPS)
X-CUBE-IPS
High efficiency, high-
side switch with
extended diagnostics,
smart driving for
capacitive loads, and
short propagation
delay at power-on
IPS1025HF
Applications
Programmable
Logic Controllers
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
X-NUCLEO-OUT15A1
Data brief
DB4730 - Rev 3 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IPS1025HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025HFQ STMICROELECTRONICS-IPS1025HFQ Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025HFQ STMICROELECTRONICS-IPS1025HFQ Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
IPS1025HFTR STMICROELECTRONICS-IPS1025HFTR Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
More results

Similar Description - IPS1025HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
STEVAL-IFP040V1 STMICROELECTRONICS-STEVAL-IFP040V1 Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com