Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025HF Datasheet(PDF) 3 Page - STMicroelectronics

Part # IPS1025HF
Description  Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HF Datasheet(HTML) 3 Page - STMicroelectronics

  IPS1025HF Datasheet HTML 1Page - STMicroelectronics IPS1025HF Datasheet HTML 2Page - STMicroelectronics IPS1025HF Datasheet HTML 3Page - STMicroelectronics IPS1025HF Datasheet HTML 4Page - STMicroelectronics IPS1025HF Datasheet HTML 5Page - STMicroelectronics IPS1025HF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 2. X-NUCLEO-OUT15A1 circuit schematic (2 of 2)
def aul t :
cl osed
VCC
FLT1
OUT1
FLT2
Nch-DRV
OUT_FB
3v3
5v0
/
ISO4
TLP383
DR1
DR2
150060RS75000
A
C
ISO2
TLP383
R20
6.8k
ANY
ISO3
TLP383
R3
22k
C5
0.1uF
R8
10k
D4
STPS1H100A
DG1
150060VS75000
A
C
C4
0.1uF
R21
2.2K
J10
default closed
SW4
con3-strip-male
default: CLOSE 1-2
R7 10k
TR3
SM15T10AY
R15
12k
R16
2.2K
J11
con8-2x4-strip-male
R10
0
D3
BAT41ZFILM
R11
2.2K
R18
390
J6
default closed
SW1
con3-strip-male
default: CLOSE 1-2
1
2
3
R6
2.2K
SW2
con3-strip-male
default: CLOSE 1-2
U1
IPS1025HF
VCC
25
R5
0
R17
27K
R2
390
J7
TP5
5001
R9
0
TP1
5001
SW3
con3-strip-male
default: CLOSE 1-2
J12
default closed
C3
0.1uF
R4
0
J9
con6-2x3-strip-male
R1
27K
SW5
con3-strip-male
default: CLOSE 1-2
1
2
3
D8
TDZ6V2J,115
Q1
STN2NF10
1
ISO5
TLP383
R19
1k
R12
22k
ISO1
TLP383
J5
default closed
J8
TP3
5001
VCC
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com