Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-2.5-R7 Datasheet (PDF) - Analog Devices

ADM7170ACPZ-2.5-R7 Datasheet PDF - Analog Devices
Part # ADM7170ACPZ-2.5-R7
Download  ADM7170ACPZ-2.5-R7 Download
File Size   1026.66 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable and fixed output voltage options

ADM7170ACPZ-2.5-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM7170ACPZ-2.5-R7 Datasheet PDF - Analog Devices

Part # ADM7170ACPZ-2.5-R7
Download  ADM7170ACPZ-2.5-R7 Click to download

File Size   1026.66 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable and fixed output voltage options

ADM7170ACPZ-2.5-R7 Datasheet (HTML) - Analog Devices


ADM7170ACPZ-2.5-R7 Product details

GENERAL DESCRIPTION
The ADM7170 is a CMOS, low dropout linear regulator (LDO) that operates from 2.3 V to 6.5 V and provides up to 500 mA of output current. This high output current LDO is ideal for regulation of high performance analog and mixed signal circuits operating from 6 V down to 1.2 V rails. Using an advanced proprietary architecture, the device provides high power supply rejection and low noise, and achieves excellent line and load transient response with just a small 4.7 µF ceramic output capacitor. Load transient response is typically 1.5 μs for a 1 mA to 500 mA load step.
The ADM7170 is available in 17 fixed output voltage options. The following voltages are available from stock: 1.3 V, 1.8 V, 2.5 V, 3.0 V, 3.3 V, 4.2 V, and 5.0 V. Additional voltages that are available by special order are: 1.5 V, 1.85 V, 2.0 V, 2.2 V, 2.7 V, 2.75 V, 2.8 V, 2.85 V, 3.8 V, and 4.6 V. An adjustable version is also available that allows output voltages that range from 1.2 V to VIN − VDO with an external feedback divider.
Inrush current can be controlled by adjusting the start-up time via the soft start pin. The typical start-up time with a 1 nF soft start capacitor is about 1.0 ms.
The ADM7170 regulator output noise is 5 μV rms independent of the output voltage. The ADM7170 is available in an 8-lead, 3 mm × 3 mm LFCSP, making it not only a very compact solution, but also providing excellent thermal performance for applications requiring up to 500 mA of output current in a small, low profile footprint.

FEATURES
   Input voltage range: 2.3 V to 6.5 V
   Maximum load current: 500 mA
   Low noise: 5 µV rms independent of output voltage at
      100 Hz to 100 kHz
   Fast transient response: 1.5 μs for 1 mA to 500 mA load step
   60 dB PSRR at 100 kHz
   Low dropout voltage: 42 mV at 500 mA load, VOUT = 3 V
   Initial accuracy: ±0.75%
   Accuracy over line, load, and temperature: ±1.25%
   Quiescent current, IGND = 0.7 mA at no load
   Low shutdown current: 0.25 μA at VIN = 5 V
   Stable with small 4.7 µF ceramic output capacitor
   Adjustable and fixed output voltage options: 1.2 V to 5.0 V
   Adjustable output from 1.2 V to VIN − VDO
   Precision enable
   Adjustable soft start
   8-lead, 3 mm × 3 mm LFCSP package
   Supported by ADIsimPower tool

APPLICATIONS
   Regulation to noise sensitive applications: ADC and DAC
      circuits, precision amplifiers, PLLs/VCOs, and clocking ICs
   Communications and infrastructure
   Medical and healthcare
   Industrial and instrumentation




Similar Part No. - ADM7170ACPZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7171 AD-ADM7171 Datasheet
1Mb / 24P
Fast transient response
Rev. C
ADM7171ACPZ-1.3-R7 AD-ADM7171ACPZ-1.3-R7 Datasheet
1Mb / 24P
Fast transient response
Rev. C
ADM7171ACPZ-1.8-R7 AD-ADM7171ACPZ-1.8-R7 Datasheet
1Mb / 24P
Fast transient response
Rev. C
ADM7171ACPZ-2.5-R7 AD-ADM7171ACPZ-2.5-R7 Datasheet
1Mb / 24P
Fast transient response
Rev. C
ADM7171ACPZ-3.0-R7 AD-ADM7171ACPZ-3.0-R7 Datasheet
1Mb / 24P
Fast transient response
Rev. C
More results


Similar Description - ADM7170ACPZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
logo
STMicroelectronics
LD29080 STMICROELECTRONICS-LD29080 Datasheet
435Kb / 21P
800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
15-Oct-2004
LD29080 STMICROELECTRONICS-LD29080_07 Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
Adjustable and Fixed Voltage Regulator
logo
Gamma Microelectronics ...
GM6615X GAMMA-GM6615X Datasheet
718Kb / 17P
Fixed and Adjustable Voltage Versions
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
Adjustable and Fixed Voltage Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com