Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-2.5-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7170ACPZ-2.5-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-2.5-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7170ACPZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADM7170
Rev. C | Page 9 of 23
Figure 16. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = 3 V
Figure 17. Ground Current vs. Junction Temperature, VOUT = 3 V
Figure 18. Ground Current vs. Load Current (ILOAD), VOUT = 3 V
Figure 19. Ground Current vs. Input Voltage (VIN), VOUT = 3 V
Figure 20. Dropout Voltage vs. Load Current (ILOAD), VOUT = 3 V
Figure 21. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout, VOUT = 3 V
VIN (V)
6.6
6.2
5.8
5.4
5.0
4.6
4.2
3.8
3.4
2.95
3.05
3.04
3.03
3.02
3.01
3.00
2.99
2.98
2.97
2.96
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
0
7
6
5
4
3
2
1
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD (mA)
1000
100
10
1
0.1
0
1
2
3
4
5
6
7
VIN (V)
6.6
6.2
5.8
5.4
5.0
4.6
4.2
3.8
3.4
0
7
6
5
4
3
2
1
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD (mA)
1000
100
10
1
0
180
160
140
120
100
80
60
40
20
VIN (V)
3.4
3.2
3.3
3.1
3.0
2.9
2.8
2.7
2.50
3.05
3.00
2.95
2.90
2.85
2.80
2.75
2.70
2.65
2.60
2.55
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com