Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-2.5-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM7170ACPZ-2.5-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-2.5-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM7170ACPZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 20Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 21Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 22Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 23Page - Analog Devices ADM7170ACPZ-2.5-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Data Sheet
ADM7170
Rev. C | Page 21 of 23
Figure 64. LFCSP, TA = 50°C
Figure 65. LFCSP, TA = 85°C
In the case where the board temperature is known, use the
thermal characterization parameter, ΨJB, to estimate the
junction temperature rise. Maximum junction temperature (TJ)
is calculated from the board temperature (TB) and power
dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
(5)
Figure 66. LFCSP Power Dissipation for Various Board Temperatures
TYPICAL APPLICATIONS CIRCUITS
Figure 67. Clock Driver
Figure 68. RF PLL/VCO Power
TOTAL POWER DISSIPATION (W)
1.8
2.0
2.2
2.4
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
60
70
80
90
100
110
120
140
160
130
150
6400mm2
500mm2
25mm2
TJ MAX
TOTAL POWER DISSIPATION (W)
1.5
0.8 0.9 1.0 1.1 1.2 1.3 1.4
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
65
75
85
95
105
115
125
135
155
145
6400mm2
500mm2
25mm2
TJ MAX
TOTAL POWER DISSIPATION (W)
9
8
7
6
5
4
3
2
1
0
0
160
140
120
100
80
60
40
20
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
ADM7170
6.5V, 500mA
LDO
4V TO 6.5V
3.3V
HIGH
SPEED
CLOCK
DRIVER
ADM7170
6.5V, 500mA
LDO
4V TO 6.5V
3.3V
VVCO
ADM7170
6.5V, 500mA
LDO
3.3V
AVDD
DVDD
ADF4350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com