Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCSW53 Datasheet (PDF) - Advanced Crystal Technology

TCSW53 Datasheet PDF - Advanced Crystal Technology
Part # TCSW53
Download  TCSW53 Download
File Size   778.31 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave

TCSW53 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCSW53 Datasheet PDF - Advanced Crystal Technology

Part # TCSW53
Download  TCSW53 Click to download

File Size   778.31 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave

TCSW53 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - TCSW53

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
More results


Similar Description - TCSW53

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCT53-4 ACT-TCT53-4 Datasheet
727Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
25042016
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com