Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCT53-4 Datasheet (PDF) - Advanced Crystal Technology

TCT53-4 Datasheet PDF - Advanced Crystal Technology
Part # TCT53-4
Download  TCT53-4 Download
File Size   727.72 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL

TCT53-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCT53-4 Datasheet PDF - Advanced Crystal Technology

Part # TCT53-4
Download  TCT53-4 Click to download

File Size   727.72 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL

TCT53-4 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - TCT53-4

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TCT50-01E07AB TRIAD-TCT50-01E07AB Datasheet
43Kb / 1P
Control Transformer
TCT50-01E07AE TRIAD-TCT50-01E07AE Datasheet
40Kb / 1P
Control Transformer
TCT50-01E07K TRIAD-TCT50-01E07K Datasheet
43Kb / 1P
Control Transformer
TCT50-02E07AB TRIAD-TCT50-02E07AB Datasheet
43Kb / 1P
Control Transformer
TCT50-02E07AE TRIAD-TCT50-02E07AE Datasheet
40Kb / 1P
Control Transformer
More results


Similar Description - TCT53-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com