Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1010 Datasheet (PDF) - Zetex Semiconductors

ZXCD1010 Datasheet PDF - Zetex Semiconductors
Part # ZXCD1010
Download  ZXCD1010 Download
File Size   555.86 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION

ZXCD1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCD1010 Datasheet PDF - Zetex Semiconductors

Part # ZXCD1010
Download  ZXCD1010 Click to download

File Size   555.86 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION

ZXCD1010 Datasheet (HTML) - Zetex Semiconductors


ZXCD1010 Product details

DESCRIPTION
The ZXCD1010 provides complete control and modulation functions at the heart of a high efficiency high performance Class D switching audio amplifier solution. In combination with matched output magnetics and Zetex HDMOS MOSFET devices, the ZXCD1010 provides a high performance Class D audio amplifier with all the inherent benefits of Class D.

FEATURES
• 90% efficiency
• External ROSC COSC for improved accuracy
• 4 / 8 Ω drive capability
• Noise Floor -115dB for solution
• Flat response 20Hz - 20kHz
• High gate drive capability ( 2200pF)
• Very low THD + N 0.2% typical of full power up to 90% ( for the solution)
• Complete absence of crossover artifacts
• OSC output available for sync in multi-channel applications
• Available in a 16 pin exposed pad QSOP package
• Refer to ZXCD1000 data sheet for typical characteristics and applications indormation

APPLICATIONS
• DVD receivers
• Automotive audio systems
• Home Theatre
• Multimedia
• Wireless speakers
• Portable audio
• Sub woofer systems
• Public Address systems




Similar Part No. - ZXCD1010

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
More results


Similar Description - ZXCD1010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4651 NSC-LM4651 Datasheet
586Kb / 20P
LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
LM4651 NSC-LM4651_09 Datasheet
1Mb / 32P
170W Class D Audio Power Amplifier Solution
logo
Zetex Semiconductors
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
High Performance, High Fidelity Audio Operational Amplifier
LM4651 TI1-LM4651 Datasheet
2Mb / 34P
Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com