Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1010 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCD1010
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1010 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCD1010 Datasheet HTML 1Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 2Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 3Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1010 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage with respect to GND
VCC
20V
Power Dissipation
1W
Package Thermal Resistance ( ja)54 C/W
Operating Temperature Range
-40 C to 70 C
Maximum Junction Temperature
125 C
Storage Temperature Range
-50°C to 85 C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ZXCD1010
SEMICO NDUC TORS
ISSUE 3 - NOVEMBER 2003
2
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
V
CC
Operating Voltage Range
12
16
18
V
I
ss
Operating Quiescent
Current
V
CC = 12V
V
CC = 18V, 16V
45
50
mA
mA
F
osc
Switching Frequency
C
OSC = 330pF,
R
OSC = 31k5
173
192
211
kHz
F
osc(tol)
Frequency Tolerance
C
OSC = 330pF,
R
OSC = 31k5
+/-10
%
Vol OutA/B
Low level output voltage
No load
100
mV
Voh OutA/B
High level output voltage
No load
7.5
V
T
Drive
Output Drive Capability
(OUTA/BRise/Fall)
Load
Capacitance
= 2200pF
50
ns
5V5tol
Internal Rail Tolerance
1µF Decoupling
5.16
5.5
5.77
V
9VA/Btol
Internal Rail Tolerance
1µF Decoupling
8.32
8.75
9.18
V
Audio A / B
Input Impedence
1.35k
1.8k
2.3k
Triangle
A/B
Input Impedence
1.35k
1.8k
2.3k
Audio A / B
Bias Level
2.95
3.1
3.25
V
Triangle
A/B
Bias Level
2.95
3.1
3.25
V
Osc A / B
Amplitude
0.89
1.05
1.2
V
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (unless otherwise stated) VCC = 16V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com