Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet (PDF) - Wolfson Microelectronics plc

WM8737 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8737
Download  WM8737 Download
File Size   535.42 Kbytes
Page   38 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO ADC WITH MICROPHONE PREAMPLIFIER

WM8737 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8737 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8737
Download  WM8737 Click to download

File Size   535.42 Kbytes
Page   38 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO ADC WITH MICROPHONE PREAMPLIFIER

WM8737 Datasheet (HTML) - Wolfson Microelectronics plc


WM8737 Product details

DESCRIPTION

The WM8737L is a low power stereo audio ADC designed specifically for portable applications such as minidisc and memory audio / voice recorders.



FEATURES

• SNR 97dB (‘A’ weighted @ 3.3V, 48kHz, normal power mode)

• THD –85dB (at –1dB, 3.3V, normal power mode)

• Complete Stereo / Mono Microphone Interface

  -  Programmable microphone preamp

  - Automatic Level Control

  -  Low-noise microphone bias voltage

• Configurable Power / Performance

• Low Power Mode

  -  8.5mW at AVDD = 1.8V (stereo, mic preamps off)

  -  20mW at AVDD = 3.3V (stereo, mic preamps off)

• Low Supply Voltages

  -  Analogue 1.8V to 3.6V

  -  Digital core: 1.42V to 3.6V

  -  Digital I/O: 1.8V to 3.6V

• 256fs / 384fs or USB master clock rates: 12MHz, 24MHz

• Audio sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48, 88.2, 96kHz generated internally from master clock

• 32-pin QFN package, 5 x 5 x 0.9mm




Similar Part No. - WM8737

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Wolfson Microelectronic...
WM8737CLGEFL WOLFSON-WM8737CLGEFL Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8737CLGEFL/R WOLFSON-WM8737CLGEFL/R Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
More results


Similar Description - WM8737

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
logo
Nuvoton Technology Corp...
NAU85L20 NUVOTON-NAU85L20 Datasheet
2Mb / 47P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40B NUVOTON-NAU85L40B Datasheet
2Mb / 57P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40 NUVOTON-NAU85L40 Datasheet
933Kb / 24P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
logo
Generalplus Technology ...
GPY0050A1 GENERALPLUS-GPY0050A1 Datasheet
953Kb / 21P
12--bit ADC with Microphone Preamplifier
logo
Nuvoton Technology Corp...
NAU85L20B NUVOTON-NAU85L20B Datasheet
1Mb / 44P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com