Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8951L Datasheet (PDF) - Wolfson Microelectronics plc

WM8951L Datasheet PDF - Wolfson Microelectronics plc
Part # WM8951L
Download  WM8951L Download
File Size   499.41 Kbytes
Page   42 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR

WM8951L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8951L Datasheet PDF - Wolfson Microelectronics plc

Part # WM8951L
Download  WM8951L Click to download

File Size   499.41 Kbytes
Page   42 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR

WM8951L Datasheet (HTML) - Wolfson Microelectronics plc


WM8951L Product details

DESCRIPTION
The WM8951L is a low power stereo ADC with an integrated microphone interface and crystal oscillator for clock generation. The WM8951L is ideal for voice recorders, wireless microphones and games console accessories.

FEATURES
• Audio Performance
    - ADC SNR 90dB (‘A’ weighted) at 3.3V, 85dB at 1.8V
    - Low Power
    - 1.42 – 3.6V Digital Supply Operation
    - 1.8 – 3.6V Analogue Supply Operation
• Sampling Frequency: 8kHz – 96kHz
• Selectable ADC High Pass Filter
• 2 or 3-Wire MPU Serial Control Interface
• Programmable Audio Data Interface Modes
    - I2S, Left, Right Justified or DSP
    - 16/20/24/32 bit Word Lengths
    - Master or Slave Clocking Mode
• Microphone Input and Electret Bias with Side Tone Mixer
• Available in 5x5mm 28-lead QFN package

APPLICATIONS
• Wireless microphones
• Voice recorders
• Games console accessories




Similar Part No. - WM8951L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8951LGEFL WOLFSON-WM8951LGEFL Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8951LGEFL/R WOLFSON-WM8951LGEFL/R Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
More results


Similar Description - WM8951L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
STEREO ADC WITH MICROPHONE PREAMPLIFIER
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Nuvoton Technology Corp...
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8502 NUVOTON-NAU8502 Datasheet
2Mb / 92P
24-bit Stereo Audio ADC with Differential Microphone Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com