Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8950 Datasheet (PDF) - Wolfson Microelectronics plc

WM8950 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8950
Download  WM8950 Download
File Size   669.18 Kbytes
Page   52 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS

WM8950 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8950 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8950
Download  WM8950 Click to download

File Size   669.18 Kbytes
Page   52 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS

WM8950 Datasheet (HTML) - Wolfson Microelectronics plc


WM8950 Product details

DESCRIPTION

The WM8950 is a low power, high quality mono ADC designed for  portable  applications  such  as  Digital  Still  Camera,  Digital Voice Recorder or games console accessories.

The device integrates support for a differential or single ended mic.  External  component  requirements  are  reduced  as  no separate microphone amplifiers are required.



FEATURES

•  Mono ADC:

• Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz

• SNR 95dB, THD -85dB (‘A’-weighted @ 8 – 48ks/s)

• Multiple auxiliary analog inputs

•  Mic Preamps:

• Differential or single end Microphone Interface

-  Programmable preamp gain

-  Psuedo differential inputs with common mode rejection

-  Programmable ALC / Noise Gate in ADC path

• Low-noise bias supplied for electret microphones

OTHER FEATURES

• 5 band EQ

• Programmable High Pass Filter (wind noise reduction)

• Fully Programmable IIR Filter (notch filter)

• On-chip PLL

• Low power, low voltage

-  2.5V to 3.6V (digital: 1.71V to 3.6V)

-  power consumption TBD all-on 48ks/s mode

• 4x4x0.9mm 24 pin QFN package



APPLICATIONS

• Digital Still Camera

• General Purpose low power audio ADC

• Games console accessories

• Voice recorders



 



 



 




Similar Part No. - WM8950

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
More results


Similar Description - WM8950

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
STEREO ADC WITH MICROPHONE PREAMPLIFIER
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
Programmable digital input
logo
Nuvoton Technology Corp...
NAU85L20 NUVOTON-NAU85L20 Datasheet
2Mb / 47P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40B NUVOTON-NAU85L40B Datasheet
2Mb / 57P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40 NUVOTON-NAU85L40 Datasheet
933Kb / 24P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com