Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X1226 Datasheet (PDF) - Xicor Inc.

X1226 Datasheet PDF - Xicor Inc.
Part # X1226
Download  X1226 Download
File Size   420.98 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Real Time Clock/Calendar with EEPROM

X1226 Datasheet (PDF)

Go To PDF Page Download Datasheet
X1226 Datasheet PDF - Xicor Inc.

Part # X1226
Download  X1226 Click to download

File Size   420.98 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Real Time Clock/Calendar with EEPROM

X1226 Datasheet (HTML) - Xicor Inc.


X1226 Product details

DESCRIPTION

The X1226 device is a Real Time Clock with clock/calendar, two polled alarms with integrated 512x8 EEPROM, oscillator compensation, and battery backup switch. The oscillator uses an external, low-cost 32.768kHz crystal. All compensation and trim components are integrated on the chip. This eliminates several external discrete components and a trim capacitor, saving board area and component cost.



FEATURES

• Real Time Clock/Calendar

   —Tracks time in Hours, Minutes, and Seconds

   —Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

   —Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

   —Repeat Mode (periodic interrupts)

• Oscillator Compensation on chip

   —Internal feedback resistor and compensation capacitors

   —64 position Digitally Controlled Trim Capacitor

   —6 digital frequency adjustment settings to ±30ppm

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

   —64-Byte Page Write Mode

   —8 modes of Block Lock™ Protection

   —Single Byte Write Capability

• High Reliability

   —Data Retention: 100 years

   —Endurance: 100,000 cycles per byte

• 2-Wire™ Interface interoperable with I2C*

   —400kHz data transfer rate

• Frequency Output (SW Selectable: Off, 1Hz,

4096Hz or 32.768kHz)

• Low Power CMOS

   —1.25µA Operating Current (Typical)

• Small Package Options

   —8-Lead SOIC and 8-Lead TSSOP



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio / Video Components

• Set Top Box / Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers / PDA

• POS Equipment

• Test Meters / Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial / Medical / Automotive



 




Similar Part No. - X1226

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
Real Time Clock/Calendar with EEPROM
September 15, 2005
X1226 INTERSIL-X1226 Datasheet
372Kb / 25P
Real Time Clock/Calendar with EEPROM
May 8, 2006
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226S8 INTERSIL-X1226S8 Datasheet
388Kb / 25P
Real Time Clock/Calendar with EEPROM
September 15, 2005
X1226S8 INTERSIL-X1226S8 Datasheet
372Kb / 25P
Real Time Clock/Calendar with EEPROM
May 8, 2006
More results


Similar Description - X1226

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
Real Time Clock/Calendar with EEPROM
September 15, 2005
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
Real Time Clock/Calendar with EEPROM
October 23, 2006
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
Real Time Clock/Calendar with EEPROM
May 8, 2006
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
Real Time Clock/Calendar with EEPROM
August 12, 2010
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
Real Time Clock/Calendar with EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com