Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X1243 Datasheet (PDF) - Intersil Corporation

X1243 Datasheet PDF - Intersil Corporation
Part # X1243
Download  X1243 Download
File Size   293.84 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock/Calendar/Alarm with EEPROM

X1243 Datasheet (PDF)

Go To PDF Page Download Datasheet
X1243 Datasheet PDF - Intersil Corporation

Part # X1243
Download  X1243 Click to download

File Size   293.84 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock/Calendar/Alarm with EEPROM

X1243 Datasheet (HTML) - Intersil Corporation


X1243 Product details

Real Time Clock/Calendar/Alarm with EEPROM



Description

The X1243 is a Real Time Clock with clock/calendar circuits and two alarms. The dual port clock and alarm registers allow the clock to operate, without loss of accuracy, even during read and write operations.



Features

• 2 alarms—interrupt output

   - Settable on the second, 10s of seconds, minute, 10s of minutes, hour, day, month, or day of the week

   - Repeat alarm for time base generation

• 2-wire interface interoperable with I2C

   - 400kHz data transfer rate

• Secondary power supply input with internal switch-over circuitry

• 2Kbytes of EEPROM

   - 64-byte page write mode

   - 3-bit Block Lock™ protection

• Low power CMOS

   - <1µA operating current

   - <3mA active current during program

   - <400µA active current during data read

• Single byte write capability

• Typical nonvolatile write cycle time: 5ms

• High reliability

• Small package options

   - 8-lead SOIC package, 8-lead TSSOP package



 




Similar Part No. - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
Single-Chip 77- and 79-GHz FMCW Transceiver
More results


Similar Description - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
Real Time Clock/Calendar/Alarm with EEPROM
X1226 XICOR-X1226 Datasheet
420Kb / 24P
Real Time Clock/Calendar with EEPROM
X1240 XICOR-X1240 Datasheet
74Kb / 19P
Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
Real Time Clock/Calendar with EEPROM
September 15, 2005
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
Real Time Clock/Calendar with EEPROM
October 23, 2006
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
Real Time Clock/Calendar with EEPROM
August 12, 2010
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
Real Time Clock/Calendar with EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com