Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X1243 Datasheet (PDF) - Xicor Inc.

X1243 Datasheet PDF - Xicor Inc.
Part # X1243
Download  X1243 Download
File Size   90.74 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Real Time Clock/Calendar/Alarm with EEPROM

X1243 Datasheet (PDF)

Go To PDF Page Download Datasheet
X1243 Datasheet PDF - Xicor Inc.

Part # X1243
Download  X1243 Click to download

File Size   90.74 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Real Time Clock/Calendar/Alarm with EEPROM

X1243 Datasheet (HTML) - Xicor Inc.


X1243 Product details

DESCRIPTION

The X1243 is a Real Time Clock with clock/calendar circuits and two alarms. The dual port clock and alarm registers allow the clock to operate, without loss of accuracy, even during read and write operations. 



FEATURES

• 2 Alarms—Interrupt Output

   —Settable on the Second, 10s of Seconds, Minute, 10s of Minutes, Hour, Day, Month, or Day of the Week

   —Repeat alarm for time base generation

• 2 Wire Interface interoperable with I2C.

   —400kHz data transfer rate

• Secondary Power Supply Input with internal switch-over circuitry.

• Year 2000 Compliant

• 2K bytes of EEPROM

   —64 Byte Page Write Mode

   —3 bit Block Lock

• Low Power CMOS

   —<1µA Operating Current

   —<3mA Active Current during Program

   —<400µA Active Current during Data Read

• Single Byte Write Capability

• Typical Nonvolatile Write Cycle Time: 5ms

• High Reliability

   —100,000 Endurance Cycles

   —Guaranteed Data Retention: 100 Years

• Small Package Options

   —8-Lead SOIC Package, 8L TSSOP Package



 




Similar Part No. - X1243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
Single-Chip 77- and 79-GHz FMCW Transceiver
More results


Similar Description - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
Real Time Clock/Calendar with EEPROM
X1240 XICOR-X1240 Datasheet
74Kb / 19P
Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
Real Time Clock/Calendar with EEPROM
September 15, 2005
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
Real Time Clock/Calendar with EEPROM
October 23, 2006
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
Real Time Clock/Calendar with EEPROM
August 12, 2010
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
Real Time Clock/Calendar with EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com