Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X1243 Datasheet (PDF) - Renesas Technology Corp

X1243 Datasheet PDF - Renesas Technology Corp
Part # X1243
Download  X1243 Download
File Size   713.08 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM

X1243 Datasheet (PDF)

Go To PDF Page Download Datasheet
X1243 Datasheet PDF - Renesas Technology Corp

Part # X1243
Download  X1243 Click to download

File Size   713.08 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM

X1243 Datasheet (HTML) - Renesas Technology Corp


X1243 Product details

Features
• 2 alarms—interrupt output
- Settable on the second, 10s of seconds, minute, 10s of
minutes, hour, day, month, or day of the week
- Repeat alarm for time base generation
• 2-wire interface interoperable with I2C
- 400kHz data transfer rate
• Secondary power supply input with internal switch-over
circuitry
• 2Kbytes of EEPROM
- 64-byte page write mode
- 3-bit Block Lock™ protection
• Low power CMOS
- <1μA operating current
- <3mA active current during program
- <400μA active current during data read
• Single byte write capability
• Typical nonvolatile write cycle time: 5ms
• High reliability
• Small package options
- 8-lead SOIC package, 8-lead TSSOP package




Similar Part No. - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
Single-Chip 77- and 79-GHz FMCW Transceiver
More results


Similar Description - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
Real Time Clock/Calendar/Alarm with EEPROM
X1288 XICOR-X1288 Datasheet
560Kb / 31P
2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
2-Wire RTC Real Time Clock/Calendar
September 23, 2005
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
2-Wire??RTC Real Time Clock/Calendar
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com