Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G17 Datasheet (PDF) - Integrated Circuit Systems

74LVC2G17 Datasheet PDF - Integrated Circuit Systems
Part # 74LVC2G17
Download  74LVC2G17 Download
File Size   84.0 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual non-inverting Schmitt-trigger with 5 V tolerant input

74LVC2G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2G17 Datasheet PDF - Integrated Circuit Systems

Part # 74LVC2G17
Download  74LVC2G17 Click to download

File Size   84.0 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual non-inverting Schmitt-trigger with 5 V tolerant input

74LVC2G17 Datasheet (HTML) - Integrated Circuit Systems


74LVC2G17 Product details

DESCRIPTION
The 74LVC2G17 is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. These feature allows the use of these devices as translators in a mixed 3.3 and 5 V environment.
   
FEATURES
• Wide supply voltage range from 1.65 to 5.5 V
• 5 V tolerant input/output for interfacing with 5 V logic
• High noise immunity
• Complies with JEDEC standard:
    – JESD8-7 (1.65 to 1.95 V)
    – JESD8-5 (2.3 to 2.7 V)
    – JESD8B/JESD36 (2.7 to 3.6 V).
• ESD protection:
    – HBM EIA/JESD22-A114-A exceeds 2000 V
    – MM EIA/JESD22-A115-A exceeds 200 V.
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• SOT363 and SOT457 package
• Specified from −40 to +125 °C.
   
APPLICATIONS
• Wave and pulse shapers for highly noisy environments.
   




Similar Part No. - 74LVC2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
NXP Semiconductors
74LVC2G17 NXP-74LVC2G17 Datasheet
205Kb / 19P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
More results


Similar Description - 74LVC2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com