Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G17 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # 74LVC2G17
Description  Dual non-inverting Schmitt-trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVC2G17 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button 74LVC2G17 Datasheet HTML 4Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 5Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 6Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 7Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 8Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 9Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 10Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 11Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2003 Aug 13
8
Philips Semiconductors
Product specification
Dual non-inverting Schmitt-trigger with
5 V tolerant input
74LVC2G17
TRANSFER CHARACTERISTICS
Voltages are referenced to GND (ground = 0 V).
Notes
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
VT+
positive-going threshold
see Figs 5 and 6
1.8
0.70
1.10
1.50
V
2.3
1.00
1.40
1.80
V
3.0
1.30
1.76
2.20
V
4.5
1.90
2.47
3.10
V
5.5
2.20
2.91
3.60
V
VT−
negative-going threshold
see Figs 5 and 6
1.8
0.25
0.61
0.90
V
2.3
0.40
0.80
1.15
V
3.0
0.60
1.04
1.50
V
4.5
1.00
1.55
2.00
V
5.5
1.20
1.86
2.30
V
VH
hysteresis (VT+ − VT−)
see Figs 5, 6 and 7
1.8
0.15
0.49
1.00
V
2.3
0.25
0.60
1.10
V
3.0
0.40
0.73
1.20
V
4.5
0.60
0.92
1.50
V
5.5
0.70
1.02
1.70
V
Tamb = −40 to +125 °C
VT+
positive-going threshold
see Figs 5 and 6
1.8
0.70
−
1.70
V
2.3
1.00
−
2.00
V
3.0
1.30
−
2.40
V
4.5
1.90
−
3.30
V
5.5
2.20
−
3.80
V
VT−
negative-going threshold
see Figs 5 and 6
1.8
0.25
−
1.10
V
2.3
0.40
−
1.35
V
3.0
0.60
−
1.70
V
4.5
1.00
−
2.20
V
5.5
1.20
−
2.50
V
VH
hysteresis (VT+ − VT−)
see Figs 5, 6 and 7
1.8
0.15
−
1.20
V
2.3
0.25
−
1.30
V
3.0
0.40
−
1.40
V
4.5
0.60
−
1.70
V
5.5
0.70
−
1.90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com