Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G17 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # 74LVC2G17
Description  Dual non-inverting Schmitt-trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVC2G17 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button 74LVC2G17 Datasheet HTML 7Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 8Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 9Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 10Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 11Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 12Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 13Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 14Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2003 Aug 13
11
Philips Semiconductors
Product specification
Dual non-inverting Schmitt-trigger with
5 V tolerant input
74LVC2G17
AC WAVEFORMS
handbook, halfpage
MNB072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.8 The input (nA) to output (nY) propagation delays and the output transition times.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V 0.5
× V
CC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 to 5.5 V
0.5
× V
CC
VCC
≤ 2.5 ns
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.9 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 to 1.95 V
VCC
30 pF
1 k
Ω
open
GND
2
× V
CC
2.3 to 2.7 V
VCC
30 pF
500
Ω
open
GND
2
× V
CC
2.7 V
2.7 V
50 pF
500
Ω
open
GND
6 V
3.0 to 3.6 V
2.7 V
50 pF
500
Ω
open
GND
6 V
4.5 to 5.5 V
VCC
50 pF
500
Ω
open
GND
2
× V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com