Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G17 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # 74LVC2G17
Description  Dual non-inverting Schmitt-trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVC2G17 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button 74LVC2G17 Datasheet HTML 8Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 9Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 10Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 11Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 12Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 13Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 14Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 15Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2003 Aug 13
13
Philips Semiconductors
Product specification
Dual non-inverting Schmitt-trigger with
5 V tolerant input
74LVC2G17
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com