Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7376 Datasheet (PDF) - Maxim Integrated Products

MAX7376 Datasheet PDF - Maxim Integrated Products
Part # MAX7376
Download  MAX7376 Download
File Size   673.95 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Silicon Oscillator with Reset Output

MAX7376 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7376 Datasheet PDF - Maxim Integrated Products

Part # MAX7376
Download  MAX7376 Click to download

File Size   673.95 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Silicon Oscillator with Reset Output

MAX7376 Datasheet (HTML) - Maxim Integrated Products


MAX7376 Product details

General Description
The MAX7376 silicon oscillator with reset, is a replacement for ceramic resonators, crystals, crystal oscillator modules, and discrete reset circuits. The MAX7376 provides the primary clock source and reset function for microcontrollers in 3V, 3.3V, and 5V applications. The MAX7376 features a factory-programmed high-speed oscillator and a microprocessor (µP) power-on-reset (POR) supervisor.

Features
♦ 2.7V to 5.5V Operation
♦ Accurate Oscillator: 600kHz to 10MHz or 32kHz
♦ Reset Output Holds the µC in Reset for 100µs After Clock Startup
♦ ±10mA Clock Output Drive Capability
♦ 2% Initial Accuracy
♦ ±50ppm/°C Temperature Coefficient
♦ 50% Duty Cycle
♦ 5ns Output Rise and Fall Time
♦ Low Jitter: 160psP-P) at 8MHz (No PLL)
♦ 3mA Operating Current (8MHz)
♦ 13µA Operating Current (32kHz)
♦ -40°C to +125°C Temperature Range

Applications
   White Goods
   Automotive
   Consumer Products
   Appliances and Controls
   Handheld Products
   Portable Equipment
   Microcontroller (µC) Systems




Similar Part No. - MAX7376

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG+ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results


Similar Description - MAX7376

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
Maxim Integrated Produc...
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
Silicon Oscillator with Reset Output
Rev 0; 1/05
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Maxim Integrated Produc...
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
Silicon Oscillator with Reset Output and Enable
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com