Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7378 Datasheet (PDF) - Maxim Integrated Products

MAX7378 Datasheet PDF - Maxim Integrated Products
Part # MAX7378
Download  MAX7378 Download
File Size   619.9 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Silicon Oscillator with Low-Power Frequency Switching and Reset Output

MAX7378 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7378 Datasheet PDF - Maxim Integrated Products

Part # MAX7378
Download  MAX7378 Click to download

File Size   619.9 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Silicon Oscillator with Low-Power Frequency Switching and Reset Output

MAX7378 Datasheet (HTML) - Maxim Integrated Products


MAX7378 Product details

General Description

The MAX7378 dual-speed silicon oscillator with reset, is a replacement for ceramic resonators, crystals, crystal oscillator modules, and discrete reset circuits. The MAX7378 provides the primary and secondary clock source and reset function for microcontrollers in 3V, 3.3V, and 5V applications. The MAX7378 features a factory-programmed high-speed oscillator, a 32.768kHz oscillator, a clock selector input, and a microprocessor (µP) power-on-reset (POR) supervisor. The clock output can be switched at any time between the high-speed clock and the 32.768kHz clock for low power operation. Switchover is synchronized internally to provide glitch-free clock switching.



Features

♦ 2.7V to 5.5V Operation

♦ Accurate High-Speed Oscillator: 600kHz to 10MHz

♦ Accurate Low-Speed 32kHz Oscillator

♦ Glitch-Free Switch Between High Speed and Low Speed at Any Time

♦ Reset Output Holds the µC in Reset for 100µs After Clock Startup

♦ ±10mA Clock-Output Drive Capability

♦ 2% Initial Accuracy

♦ ±50ppm/°C Temperature Coefficient

♦ 50% ±7% Output Duty Cycle

♦ 5ns Output Rise and Fall Time

♦ Low Jitter: 160ps (Peak-to-Peak) at 8MHz

♦ 2.4mA Fast-Mode Operating Current (8MHz)

♦ 11µA Slow-Mode Operating Current (32kHz)

♦ -40°C to +125°C Temperature Range



Applications

  White Goods

  Automotive

  Consumer Products

  Appliances and Controls

  Handheld Products

  Portable Equipment

  Microcontroller (µC) Systems



 




Similar Part No. - MAX7378

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG+ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results


Similar Description - MAX7378

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
Silicon Oscillator with Reset Output
Rev 0; 1/05
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
logo
Jauch Quartz Gmbh
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
logo
Maxim Integrated Produc...
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
Silicon Oscillator with Reset Output and Enable
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com