Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7377 Datasheet (PDF) - Maxim Integrated Products

MAX7377 Datasheet PDF - Maxim Integrated Products
Part # MAX7377
Download  MAX7377 Download
File Size   615.62 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Silicon Oscillator with Low-Power Frequency Switching

MAX7377 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7377 Datasheet PDF - Maxim Integrated Products

Part # MAX7377
Download  MAX7377 Click to download

File Size   615.62 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Silicon Oscillator with Low-Power Frequency Switching

MAX7377 Datasheet (HTML) - Maxim Integrated Products


MAX7377 Product details

General Description
The MAX7377 dual-speed silicon oscillator with reset is a replacement for ceramic resonators, crystals, crystal oscillator modules, and discrete reset circuits. The device provides the primary and secondary clock source for microcontrollers in 3V, 3.3V, and 5V applications. The MAX7377 features a factory-programmed high-speed oscillator, a 32.768kHz oscillator, and a clock selector input. The clock output can be switched at any time between the high-speed clock and the 32.768kHz clock for low-power operation. Switchover is synchronized internally to provide glitch-free clock switching.

Features
● 2.7V to 5.5V Operation
● Accurate High-Speed 600kHz to 10MHz Oscillator
● Accurate Low-Speed 32kHz Oscillator
● Glitch-Free Switch Between High Speed and Low Speed at Any Time
● ±10mA Clock-Output Drive Capability
● 2% Initial Accuracy
● ±50ppm/°C Temperature Coefficient
● 50% Duty Cycle
● 5ns Output Rise and Fall Time
● Low Jitter: 160ps(P-P) at 8MHz (No PLL)
● 3mA Fast-Mode Operating Current (8MHz)
● 13μA Slow-Mode Operating Current (32kHz)
● -40°C to +125°C Temperature Range

Applications
● White Goods
● Consumer Products
● Appliances and Controls
● Handheld Products
● Portable Equipment
● Microcontroller Systems




Similar Part No. - MAX7377

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX7377 AD-MAX7377 Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 4; 1/21
MAX7377AXMG AD-MAX7377AXMG Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 4; 1/21
MAX7377AXOK AD-MAX7377AXOK Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 4; 1/21
MAX7377AXQT AD-MAX7377AXQT Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 4; 1/21
MAX7377AXQW AD-MAX7377AXQW Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 4; 1/21
More results


Similar Description - MAX7377

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
Low Power/Low Frequency Oscillator
logo
Maxim Integrated Produc...
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com