Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85356 Datasheet (PDF) - Integrated Circuit Systems

ICS85356 Datasheet PDF - Integrated Circuit Systems
Part # ICS85356
Download  ICS85356 Download
File Size   238.4 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER

ICS85356 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85356 Datasheet PDF - Integrated Circuit Systems

Part # ICS85356
Download  ICS85356 Click to download

File Size   238.4 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER

ICS85356 Datasheet (HTML) - Integrated Circuit Systems


ICS85356 Product details

GENERAL DESCRIPTION
The ICS85356I is a dual 2:1 Differential-to-LVPECL Multiplexer and is a member of the HiPerClockSTM family of High Performance Clock Solutions from ICS. The device has both common select and individual select inputs. When COM_SEL is logic High, the CLKxx input pairs will be passed to the output. When COM_SEL is logic Low, the output is determined by the setting of the SEL0 pin for channel 0 and the SEL1 pin for Channel 1. HiPerClockS™

FEATURES
• High speed differential multiplexer.
    The device can be configured as a 2:1 multiplexer
• Dual 3.3V LVPECL outputs
• Selectable differential CLKxx, nCLKxx inputs
• CLKxx, nCLKxx pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 900MHz (typical)
• Translates any single ended input signal to 3.3V LVPECL levels with resistor bias on nCLKxx input
• Output skew: 75ps (typical)
• Propagation delay: 1.15ns (typical)
• LVPECL mode operating voltage supply range: VCC = 3V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range: VCC = 0V, VEE = -3V to -3.8V
• -40°C to 85°C ambient operating temperature
• Lead-Free package available
• Compatible with MC100LVEL56




Similar Part No. - ICS85356

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 27, 2001
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
More results


Similar Description - ICS85356

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com