Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR20306NXT5G Datasheet (PDF) - ON Semiconductor

NSR20306NXT5G Datasheet PDF - ON Semiconductor
Part # NSR20306NXT5G
Download  NSR20306NXT5G Download
File Size   62.58 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2 A, 30 V Schottky Barrier Diode

NSR20306NXT5G Datasheet (PDF)

Go To PDF Page Download Datasheet
NSR20306NXT5G Datasheet PDF - ON Semiconductor

Part # NSR20306NXT5G
Download  NSR20306NXT5G Click to download

File Size   62.58 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2 A, 30 V Schottky Barrier Diode

NSR20306NXT5G Datasheet (HTML) - ON Semiconductor




Similar Part No. - NSR20306NXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR2030DMX ONSEMI-NSR2030DMX Datasheet
66Kb / 4P
2A, 30V Schottky Half Bridge
August, 2016 ??Rev. 0
NSR2030DMXTAG ONSEMI-NSR2030DMXTAG Datasheet
66Kb / 4P
2A, 30V Schottky Half Bridge
August, 2016 ??Rev. 0
NSR2030QMUTAG ONSEMI-NSR2030QMUTAG Datasheet
76Kb / 4P
Schottky Full Bridge
September, 2015 ??Rev. 0
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
More results


Similar Description - NSR20306NXT5G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS481N SECOS-SCS481N Datasheet
111Kb / 1P
VOLTAGE 30 V, 0.2 A Schottky Barrier Diode
logo
ON Semiconductor
NSR20406NXT5G ONSEMI-NSR20406NXT5G Datasheet
62Kb / 5P
2 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20206NXT5G ONSEMI-NSR20206NXT5G Datasheet
62Kb / 5P
2 A, 20 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20204NXT5G ONSEMI-NSR20204NXT5G Datasheet
62Kb / 5P
2 A, 20 V, Schottky Barrier Diode
August, 2016 ??Rev. 2
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
Nexperia B.V. All right...
PMEG3020BEP-Q NEXPERIA-PMEG3020BEP-Q Datasheet
254Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020BER-Q NEXPERIA-PMEG3020BER-Q Datasheet
261Kb / 13P
30 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG3020DEP-Q NEXPERIA-PMEG3020DEP-Q Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020DEP NEXPERIA-PMEG3020DEP Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com