Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR2030DMX Datasheet (PDF) - ON Semiconductor

NSR2030DMX Datasheet PDF - ON Semiconductor
Part # NSR2030DMX
Download  NSR2030DMX Download
File Size   66.5 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2A, 30V Schottky Half Bridge

NSR2030DMX Datasheet (PDF)

Go To PDF Page Download Datasheet
NSR2030DMX Datasheet PDF - ON Semiconductor

Part # NSR2030DMX
Download  NSR2030DMX Click to download

File Size   66.5 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2A, 30V Schottky Half Bridge

NSR2030DMX Datasheet (HTML) - ON Semiconductor




Similar Part No. - NSR2030DMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR2030QMUTAG ONSEMI-NSR2030QMUTAG Datasheet
76Kb / 4P
Schottky Full Bridge
September, 2015 ??Rev. 0
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
More results


Similar Description - NSR2030DMX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
logo
Shindengen Electric Mfg...
D1FP3 SHINDENGEN-D1FP3 Datasheet
569Kb / 8P
Schottky Rectifiers (SBD) (30V 2A)
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
2A, HALF-BRIDGE DRIVER
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
2A Half-Bridge Driver
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
30V 3.5A QUAD POWER HALF BRIDGE
Jan-2006
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Torex Semiconductor
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
Schottky Barrier Diode, 2A, 30V Type
XBS203V19R-G TOREX-XBS203V19R-G Datasheet
109Kb / 4P
Schottky Barrier Diode, 2A, 30V Type
logo
ON Semiconductor
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
logo
Monolithic Power System...
MP1909 MPS-MP1909 Datasheet
986Kb / 15P
30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
Rev. 1.0 7/10/2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com