Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33793 Datasheet (PDF) - Motorola, Inc

33793 Datasheet PDF - Motorola, Inc
Part # 33793
Download  33793 Download
File Size   640.15 Kbytes
Page   24 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Distributed System Interface (DSI) Sensor Interface

33793 Datasheet (PDF)

Go To PDF Page Download Datasheet
33793 Datasheet PDF - Motorola, Inc

Part # 33793
Download  33793 Click to download

File Size   640.15 Kbytes
Page   24 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Distributed System Interface (DSI) Sensor Interface

33793 Datasheet (HTML) - Motorola, Inc


33793 Product details

Distributed System Interface (DSI) Sensor Interface



The 33793 is a slave Distributed System Interface (DSI) device that is optimized as a sensor interface. The device contains circuits to power sensors such as accelerometers and to digitize the analog level from the sensor. The

device is controlled by commands over the DSI bus and returns measured data over the bus.



Features

• 4-Channel, 8-Bit Analog-to-Digital Converter (ADC)

• 4 Pins Configurable as Analog orLogic Inputs or as Logic Outputs

• Provides Regulated +5.0 V Output for Sensor Power from Bus

• Additional High-Drive Logic Output

• Undervoltage Fault Detection and Signaling

• On-Board Clock (No External Elements Required)

• Field-Programmable Address

• Default and Field-Programmable as a DSI Daisy Chain Device

• Recognizes Reverse Initialization for Open Bus Fault Tolerance

• Detects Short to Battery on Bus Switch and Prevents Its Closure




Similar Part No. - 33793

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
Distributed System Interface (DSI) Sensor Interface
33793 FREESCALE-33793 Datasheet
882Kb / 27P
Distributed System Interface
logo
3M Electronics
33793-1002RB 3M-33793-1002RB Datasheet
899Kb / 4P
3MTM THREE-WALL HEADER, 3000 SERIES .100" X .100" LATCH/EJECTOR, STRAIGHT AND RIGHT ANGLE
AUG 05,2014 REV.G
33793-1002UB 3M-33793-1002UB Datasheet
899Kb / 4P
3MTM THREE-WALL HEADER, 3000 SERIES .100" X .100" LATCH/EJECTOR, STRAIGHT AND RIGHT ANGLE
AUG 05,2014 REV.G
33793-1003RB 3M-33793-1003RB Datasheet
899Kb / 4P
3MTM THREE-WALL HEADER, 3000 SERIES .100" X .100" LATCH/EJECTOR, STRAIGHT AND RIGHT ANGLE
AUG 05,2014 REV.G
More results


Similar Description - 33793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
programmable system interface
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33790 FREESCALE-33790 Datasheet
244Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
33793 FREESCALE-33793 Datasheet
747Kb / 27P
Distributed System Interface (DSI) Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
33784 FREESCALE-33784 Datasheet
1Mb / 30P
DSI 2.02 Sensor Interface
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
Distributed System Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com