Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2291 Datasheet (PDF) - Micrel Semiconductor

MIC2291 Datasheet PDF - Micrel Semiconductor
Part # MIC2291
Download  MIC2291 Download
File Size   107.45 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2A PWM Boost Regulator Photo Flash LED Driver

MIC2291 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2291 Datasheet PDF - Micrel Semiconductor

Part # MIC2291
Download  MIC2291 Click to download

File Size   107.45 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2A PWM Boost Regulator Photo Flash LED Driver

MIC2291 Datasheet (HTML) - Micrel Semiconductor


MIC2291 Product details

General Description
The MIC2291 is a 1.2MHz Pulse Width Modulation (PWM), boost-switching regulator that is optimized for high-current, white LED photo flash applications. With a guaranteed switch current of 1.2A, the MIC2291 easily drives a string of 3 white LEDs in series at 100mA, ensuring a high level of brightness and eliminating several ballast resistors.

Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• 1.2A switch current
• 1.2MHz PWM operation
• 95mV feedback voltage
• Overvoltage protection (OVP)
    – Options for 15V and 34V
• Stable with ceramic capacitors
• <1% line and load regulation
• 1µA shutdown current
• Over temperature protection
• UVLO
• Low-profile Thin SOT23-5 package option
• 2mm × 2mm MLF® package option
• –40°C to +125°C junction temperature range

Applications
• Photo Flash LED driver
• Cell phones
• PDAs
• GPS systems
• Digital cameras
• IP phones
• LED flashlights




Similar Part No. - MIC2291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15BML MICREL-MIC2291-15BML Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291-15YML MICREL-MIC2291-15YML Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
More results


Similar Description - MIC2291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
Photo flash LED driver
Rev. 1-28 October 2011
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com