Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9893 Datasheet (PDF) - Motorola, Inc

MPC9893 Datasheet PDF - Motorola, Inc
Part # MPC9893
Download  MPC9893 Download
File Size   475.83 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch

MPC9893 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9893 Datasheet PDF - Motorola, Inc

Part # MPC9893
Download  MPC9893 Click to download

File Size   475.83 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch

MPC9893 Datasheet (HTML) - Motorola, Inc


MPC9893 Product details

The MPC9893 is a 2.5V and 3.3V compatible, PLL based intelligent dynamic clock switch and generator specifically designed for redundant clock distribution systems. The device receives two LVCMOS clock signals and generates 12 phase aligned output clocks. The MPC9893 is able to detect a failing reference clock signal and to dynamically switch to a redundant clock signal. The switch from the failing clock to the redundant clock occurs without interruption of the output clock signal (output clock slews to alignment). The phase bump typically caused by a clock failure is eliminated.

Features
• 12 output LVCMOS PLL clock generator
• 2.5V and 3.3V compatible
• IDCS - on-chip intelligent dynamic clock switch
• Automatically detects clock failure
• Smooth output phase transition during clock failover switch
• 7.5 - 200 MHz output frequency range
• LVCMOS compatible inputs and outputs
• External feedback enables zero-delay configurations
• Supports networking, telecommunications and computer applications
• Output enable/disable and static test mode (PLL bypass)
• Low skew characteristics: maximum 50 ps output-to-output (within bank)
• 48 lead LQFP package
• Ambient operating temperature range of --40 to 85°C




Similar Part No. - MPC9893

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Similar Description - MPC9893

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Exar Corporation
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com