Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9893 Datasheet (PDF) - Renesas Technology Corp

MPC9893 Datasheet PDF - Renesas Technology Corp
Part # MPC9893
Download  MPC9893 Download
File Size   452.36 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V 1:12 LVCMOS PLL Clock Generator

MPC9893 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9893 Datasheet PDF - Renesas Technology Corp

Part # MPC9893
Download  MPC9893 Click to download

File Size   452.36 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V 1:12 LVCMOS PLL Clock Generator

MPC9893 Datasheet (HTML) - Renesas Technology Corp


MPC9893 Product details

Features
• 12-output LVCMOS PLL clock generator
• 2.5 V and 3.3 V compatible
• IDCS - on-chip intelligent dynamic clock switch
• Automatically detects clock failure
• Smooth output phase transition during clock failover switch
• 7.5 – 200 MHz output frequency range
• LVCMOS compatible inputs and outputs
• External feedback enables zero-delay configurations
• Supports networking, telecommunications and computer applications
• Output enable/disable and static test mode (PLL bypass)
• Low skew characteristics: maximum 50 ps output-to-output (within bank)
• 48-lead LQFP package, Pb-free
• Ambient operating temperature range of -40 to 85C
• For functional replacement use 87973




Similar Part No. - MPC9893

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
More results


Similar Description - MPC9893

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com