Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9893 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9893
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9893 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9893 Datasheet HTML 1Page - Renesas Technology Corp MPC9893 Datasheet HTML 2Page - Renesas Technology Corp MPC9893 Datasheet HTML 3Page - Renesas Technology Corp MPC9893 Datasheet HTML 4Page - Renesas Technology Corp MPC9893 Datasheet HTML 5Page - Renesas Technology Corp MPC9893 Datasheet HTML 6Page - Renesas Technology Corp MPC9893 Datasheet HTML 7Page - Renesas Technology Corp MPC9893 Datasheet HTML 8Page - Renesas Technology Corp MPC9893 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9893
MPC9893 REVISION 8 3/16/16
1
©2016 Integrated Device Technology, Inc.
The MPC9893 is a 2.5 V and 3.3 V compatible, PLL based intelligent dynamic
clock switch and generator specifically designed for redundant clock distribution
systems. The device receives two LVCMOS clock signals and generates 12
phase aligned output clocks. The MPC9893 is able to detect a failing reference
clock signal and to dynamically switch to a redundant clock signal. The switch
from the failing clock to the redundant clock occurs without interruption of the
output clock signal (output clock slews to alignment). The phase bump typically
caused by a clock failure is eliminated.
The device offers 12 low skew clock outputs organized into two output banks,
each configurable to support the different clock frequencies.
The extended temperature range of the MPC9893 supports
telecommunication and networking requirements. The device employs a fully
differential PLL design to minimize jitter.
Features
•
12-output LVCMOS PLL clock generator
•
2.5 V and 3.3 V compatible
•
IDCS - on-chip intelligent dynamic clock switch
•
Automatically detects clock failure
•
Smooth output phase transition during clock failover switch
•
7.5 – 200 MHz output frequency range
•
LVCMOS compatible inputs and outputs
•
External feedback enables zero-delay configurations
•
Supports networking, telecommunications and computer applications
•
Output enable/disable and static test mode (PLL bypass)
•
Low skew characteristics: maximum 50 ps output-to-output (within bank)
•
48-lead LQFP package, Pb-free
•
Ambient operating temperature range of -40 to 85
C
•
For functional replacement use 87973
Functional Description
The MPC9893 is a 3.3 V or 2.5 V compatible PLL clock driver and clock generator. The clock generator uses a fully integrated
PLL to generate clock signals from redundant clock sources. The PLL multiplies the input reference clock signal by one, two,
three, four or eight. The frequency-multiplied clock drives six bank A outputs. Six bank B outputs can run at either the same fre-
quency than bank A or at half of the bank A frequency. Therefore, bank B outputs additionally support the frequency multiplication
of the input reference clock by 3
2 and 12. Bank A and bank B outputs are phase-aligned(1). Due to the external PLL feedback,
the clock signals of both output banks are also phase-aligned(1) to the selected input reference clock, providing virtually zero-de-
lay capability. The integrated IDCS continuously monitors both clock inputs and indicates a clock failure individually for each clock
input. When a false clock signal is detected, the MPC9893 switches to the redundant clock input, forcing the PLL to slowly slew
to alignment and not produce any phase bumps at the outputs. Both clock inputs are interchangeable, also supporting the switch
to a failed clock that was restored. The MPC9893 also provides a manual mode that allows for user-controlled clock switches.
The PLL bypass of the MPC9893 disables the IDCS and PLL-related specifications do not apply. In PLL bypass mode, the
MPC9893 is fully static in order to distribute low-frequency clocks for system test and diagnosis. Outputs of the MPC9893 can
be disabled (high-impedance tristate) to isolate the device from the system. Applying output disable also resets the MPC9893.
On power-up this reset function needs to be applied for correct operation of the circuitry. Please see the application section for
power-on sequence recommendations.
1. At coincident rising edges.
MPC9893
LOW VOLTAGE
2.5 V AND 3.3 V IDCS AND
PLL CLOCK GENERATOR
AE SUFFIX
48-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 932-03
SCALE 2:1
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9893

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
More results

Similar Description - MPC9893

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com