Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9330 Datasheet (PDF) - Renesas Technology Corp

MPC9330 Datasheet PDF - Renesas Technology Corp
Part # MPC9330
Download  MPC9330 Download
File Size   348.08 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, 1:6, LVCMOS PLL Clock Generator

MPC9330 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9330 Datasheet PDF - Renesas Technology Corp

Part # MPC9330
Download  MPC9330 Click to download

File Size   348.08 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, 1:6, LVCMOS PLL Clock Generator

MPC9330 Datasheet (HTML) - Renesas Technology Corp


MPC9330 Product details

The MPC9330 is a 3.3 V compatible, 1:6 PLL based clock generator targeted for high
performance low-skew clock distribution in mid-range to high-performance telecomm,
networking and computing applications. With output frequencies up to 120 MHz and output
skews less than 150 ps, the device meets the needs of the most demanding clock applications.
The MPC9330 is specified for the temperature range of 0°C to +70°C.
Features
• 1:6 PLL Based Low-Voltage Clock Generator
• 3.3 V Power Supply
• Generates Clock Signals Up to 120 MHz
• Maximum Output Skew of 150 ps
• On-Chip Crystal Oscillator Clock Reference
• Alternative LVCMOS PLL Reference Clock Input
• Internal and External PLL Feedback
• PLL Multiplies the Reference Clock by 4x, 3x, 2x, 1x, 4/3x, 3/2x, 2/3x,
x/2, x/3, or x/4
• Supports Zero-Delay Operation in External Feedback Mode
• Synchronous Output Clock Stop in Logic Low Eliminates Output Runt Pulses
• Power_Down Feature Reduces Output Clock Frequency
• Drives Up to 12 Clock Lines
• 32-Lead LQFP Packaging
• 32-Lead Pb-Free Package
• Ambient Temperature Range 0C to +70C
• Internal Power-Up Reset
• Pin and Function Compatible to the MPC930
• For functional replacement use 8T49N285A




Similar Part No. - MPC9330

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
More results


Similar Description - MPC9330

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com